Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5110-2MX Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5110-2MX
Description  LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5110-2MX Datasheet(HTML) 1 Page - Texas Instruments

  LM5110-2MX Datasheet HTML 1Page - Texas Instruments LM5110-2MX Datasheet HTML 2Page - Texas Instruments LM5110-2MX Datasheet HTML 3Page - Texas Instruments LM5110-2MX Datasheet HTML 4Page - Texas Instruments LM5110-2MX Datasheet HTML 5Page - Texas Instruments LM5110-2MX Datasheet HTML 6Page - Texas Instruments LM5110-2MX Datasheet HTML 7Page - Texas Instruments LM5110-2MX Datasheet HTML 8Page - Texas Instruments LM5110-2MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM5110
www.ti.com
SNVS255A – MAY 2004 – REVISED MAY 2004
LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
Check for Samples: LM5110
1
FEATURES
PACKAGE
2
Independently Drives Two N-Channel
SOIC-8
MOSFETs
WSON-10 (4 mm x 4 mm)
Compound CMOS and Bipolar Outputs Reduce
Output Current Variation
DESCRIPTION
The LM5110 Dual Gate Driver replaces industry
5A sink/3A Source Current Capability
standard gate drivers with improved peak output
Two Channels can be Connected in Parallel to
current and efficiency. Each “compound” output driver
Double the Drive Current
stage includes MOS and bipolar transistors operating
Independent Inputs (TTL Compatible)
in parallel that together sink more than 5A peak from
capacitive
loads.
Combining
the
unique
Fast Propagation Times (25 ns Typical)
characteristics of MOS and bipolar devices reduces
Fast Rise and Fall Times (14 ns/12 ns Rise/Fall
drive current variation with voltage and temperature.
with 2 nF Load)
Separate input and output ground pins provide
Dedicated Input Ground Pin (IN_REF) for Split
Negative Drive Capability allowing the user to drive
Supply or Single Supply Operation
MOSFET gates with positive and negative VGS
voltages.
The
gate
driver
control
inputs
are
Outputs Swing from VCC to VEE which can be
referenced to a dedicated input ground (IN_REF).
Negative Relative to Input Ground
The gate driver outputs swing from VCC to the output
Available in Dual Non-inverting, Dual Inverting
ground VEE which can be negative with respect to
and Combination Configurations
IN_REF. The ability to hold MOSFET gates off with a
negative VGS voltage reduces losses when driving
Shutdown Input Provides Low Power Mode
low threshold voltage MOSFETs often used as
Supply Rail Under-voltage Lockout Protection
synchronous
rectifiers.
When
driving
with
Pin-out Compatible with Industry Standard
conventional positive only gate voltage, the IN_REF
Gate Drivers
and VEE pins are connected together and referenced
to
a
common
ground.
Under-voltage
lockout
TYPICAL APPLICATIONS
protection and a shutdown input pin are also
provided. The drivers can be operated in parallel with
Synchronous Rectifier Gate Drivers
inputs and outputs connected to double the drive
Switch-mode Power Supply Gate Driver
current capability. This device is available in the
Solenoid and Motor Drivers
SOIC-8
and
the
thermally-enhanced
WSON-10
packages.
Power Level Shifter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5110-2MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110-2MX NSC-LM5110-2MX Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110-2MX/NOPB TI-LM5110-2MX/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
More results

Similar Description - LM5110-2MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com