Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5041 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5041
Description  LM5041 Cascaded PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5041 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5041 Datasheet HTML 3Page - Texas Instruments LM5041 Datasheet HTML 4Page - Texas Instruments LM5041 Datasheet HTML 5Page - Texas Instruments LM5041 Datasheet HTML 6Page - Texas Instruments LM5041 Datasheet HTML 7Page - Texas Instruments LM5041 Datasheet HTML 8Page - Texas Instruments LM5041 Datasheet HTML 9Page - Texas Instruments LM5041 Datasheet HTML 10Page - Texas Instruments LM5041 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM5041
www.ti.com
SNVS248D – AUGUST 2003 – REVISED MARCH 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V, RT = 26.7kΩ, RSET = 20kΩ) unless otherwise stated.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Output Low Saturation
IOUT = −10mA
0.5
1
V
Rise Time
CL = 100pF
10
ns
Fall Time
CL = 100pF
10
ns
Push-Pull Outputs
Overlap Time
RSET = 20kΩ Connected to
60
90
120
ns
GND, 50% to 50%
Transitions
Dead Time
RSET = 20kΩ Connected to
65
95
125
ns
REF, 50% to 50%
Transitions
Output High Saturation
IOUT = 50mA
0.25
0.5
V
VCC - VOUT
Output Low Saturation
IOUT = 100mA
0.5
1
V
Rise Time
CL = 1nF
20
ns
Fall Time
CL = 1nF
20
ns
Thermal Shutdown
TSD
Thermal Shutdown Temp.
165
°C
Thermal Shutdown
25
°C
Hysteresis
Thermal Resistance
PW Package
125
°C/W
θJA
Junction to Ambient
NHQ0016A Package
32
°C/W
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5041


Similar Part No. - LM5041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5041 NSC-LM5041 Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041 TI1-LM5041 Datasheet
1Mb / 21P
[Old version datasheet]   Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
logo
National Semiconductor ...
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041A TI-LM5041A Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
More results

Similar Description - LM5041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5041 TI1-LM5041_14 Datasheet
1Mb / 21P
[Old version datasheet]   Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
logo
National Semiconductor ...
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
   Cascaded PWM Controller
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041 NSC-LM5041 Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041B TI-LM5041B_15 Datasheet
989Kb / 20P
[Old version datasheet]   Cascaded PWM Controller
LM5041A TI-LM5041A_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com