Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5110-1SD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5110-1SD
Description  LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5110-1SD Datasheet(HTML) 5 Page - Texas Instruments

  LM5110-1SD Datasheet HTML 1Page - Texas Instruments LM5110-1SD Datasheet HTML 2Page - Texas Instruments LM5110-1SD Datasheet HTML 3Page - Texas Instruments LM5110-1SD Datasheet HTML 4Page - Texas Instruments LM5110-1SD Datasheet HTML 5Page - Texas Instruments LM5110-1SD Datasheet HTML 6Page - Texas Instruments LM5110-1SD Datasheet HTML 7Page - Texas Instruments LM5110-1SD Datasheet HTML 8Page - Texas Instruments LM5110-1SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
INPUT
OUTPUT
tf
tD1
tr
tD2
90%
10%
50%
50%
INPUT
OUTPUT
tr
tD1
tf
tD2
90%
10%
50%
50%
LM5110
www.ti.com
SNVS255A – MAY 2004 – REVISED MAY 2004
Electrical Characteristics (continued)
TJ = −40°C to +125°C, VCC = 12V, VEE = IN_REF = 0V, nSHDN = VCC, No Load on OUT_A or OUT_B, unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSDR
Shutdown Threshold
nSHDN rising
0.8
1.5
2.2
V
VSDH
Shutdown Hysteresis
165
mV
OUTPUT DRIVERS
ROH
Output Resistance High
IOUT = −10 mA
30
50
Ω
ROL
Output Resistance Low
IOUT = + 10 mA
1.4
2.5
Ω
ISource
Peak Source Current
OUTA/OUTB = VCC/2,
3
A
200 ns Pulsed Current
ISink
Peak Sink Current
OUTA/OUTB = VCC/2,
5
A
200 ns Pulsed Current
SWITCHING CHARACTERISTICS
td1
Propagation Delay Time Low to
CLOAD = 2 nF, see Figure 6
25
40
ns
High, IN rising (IN to OUT)
td2
Propagation Delay Time High to
CLOAD = 2 nF, see Figure 6
25
40
ns
Low, IN falling (IN to OUT)
tr
Rise Time
CLOAD = 2.0 nF, see Figure 6
14
25
ns
tf
Fall Time
CLOAD = 2 nF, see Figure 6
12
25
ns
LATCHUP PROTECTION
AEC - Q100, Method 004
TJ = 150°C
500
mA
Timing Waveforms
(b)
(a)
Figure 5. Inverting Timing Waveforms
Figure 6. Non-Inverting Timing Waveforms
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5110


Similar Part No. - LM5110-1SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110-1SD NSC-LM5110-1SD Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110-1SD TI-LM5110-1SD Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1SD/NOPB TI-LM5110-1SD/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
National Semiconductor ...
LM5110-1SDX NSC-LM5110-1SDX Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110-1SDX/NOPB TI-LM5110-1SDX/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
More results

Similar Description - LM5110-1SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com