Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM22670MRE-ADJ Datasheet(PDF) 24 Page - Texas Instruments

Part # LM22670MRE-ADJ
Description  LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22670MRE-ADJ Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM22670MRE-ADJ Datasheet HTML 20Page - Texas Instruments LM22670MRE-ADJ Datasheet HTML 21Page - Texas Instruments LM22670MRE-ADJ Datasheet HTML 22Page - Texas Instruments LM22670MRE-ADJ Datasheet HTML 23Page - Texas Instruments LM22670MRE-ADJ Datasheet HTML 24Page - Texas Instruments LM22670MRE-ADJ Datasheet HTML 25Page - Texas Instruments LM22670MRE-ADJ Datasheet HTML 26Page - Texas Instruments LM22670MRE-ADJ Datasheet HTML 27Page - Texas Instruments LM22670MRE-ADJ Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM22670MRE-5.0/NOPB
SO
Power
PAD
DDA
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM22670MRE-ADJ/NOPB
SO
Power
PAD
DDA
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM22670MRX-5.0/NOPB
SO
Power
PAD
DDA
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM22670MRX-ADJ/NOPB
SO
Power
PAD
DDA
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM22670QMRE-5.0/NOP
B
SO
Power
PAD
DDA
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM22670QMRE-ADJ/NOP
B
SO
Power
PAD
DDA
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM22670QMRX-5.0/NOP
B
SO
Power
PAD
DDA
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM22670QMRX-ADJ/NOP
SO
DDA
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
29-May-2013
Pack Materials-Page 1


Similar Part No. - LM22670MRE-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22670MRE-ADJ NSC-LM22670MRE-ADJ Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22670MRE-ADJ NSC-LM22670MRE-ADJ Datasheet
525Kb / 20P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670MRE-ADJ/NOPB TI1-LM22670MRE-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM22670MRE-ADJ/NOPB TI1-LM22670MRE-ADJ/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
More results

Similar Description - LM22670MRE-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com