Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6722QSD Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6722QSD
Description  LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6722QSD Datasheet(HTML) 3 Page - Texas Instruments

  LMH6722QSD Datasheet HTML 1Page - Texas Instruments LMH6722QSD Datasheet HTML 2Page - Texas Instruments LMH6722QSD Datasheet HTML 3Page - Texas Instruments LMH6722QSD Datasheet HTML 4Page - Texas Instruments LMH6722QSD Datasheet HTML 5Page - Texas Instruments LMH6722QSD Datasheet HTML 6Page - Texas Instruments LMH6722QSD Datasheet HTML 7Page - Texas Instruments LMH6722QSD Datasheet HTML 8Page - Texas Instruments LMH6722QSD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LMH6714, LMH6720
LMH6722, LMH6722-Q1
www.ti.com
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
Operating Ratings
(1)
Thermal Resistance Package
(
θJA)
5-Pin SOT-23 (DBV)
232°C/W
6-Pin SOT-23 (DBV)
198°C/W
8-Pin SOIC (D)
145°C/W
14-Pin SOIC (D)
130°C/W
14-Pin TSSOP (PW)
160°C/W
14-Pin WSON (NHK)
46°C/W
Operating Temperature
LMH6722Q
−40°C to 125°C
All others
−40°C to 85°C
Supply Voltage Range
8V (±4V) to 12.5V (±6.25V)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specific specifications, see the Electrical
Characteristics tables.
Electrical Characteristics
Unless specified, AV = +2, RF = 300Ω: VCC = ±5V, RL = 100Ω, LMH6714/LMH6720/LMH6722. Boldface limits apply at
temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
Frequency Domain Response
SSBW
−3dB Bandwidth
VOUT = 0.5VPP
345
400
MHz
LSBW
−3dB Bandwidth
VOUT = 2.0VPP
200
250
MHz
LSBW
−3dB Bandwidth, LMH6722
VOUT = 2.0VPP
170
250
MHz
TSSOP package only
Gain Flatness
VOUT = 2VPP
GFP
Peaking
DC to 120MHz
0.1
dB
GFR
Rolloff
DC to 120MHz
0.1
dB
LPD
Linear Phase Deviation
DC to 120MHz
0.5
deg
DG
Differential Gain
RL = 150Ω, 4.43MHz (LMH6714)
0.01
%
DG
Differential Gain
RL = 150Ω, 4.43MHz (LMH6720)
0.02
%
DP
Differential Phase
RL = 150Ω, 4.43MHz
0.01
deg
Time Domain Response
TRS
Rise and Fall Time
.5V Step
1.5
ns
TRL
2V Step
2.6
ns
ts
Settling Time to 0.05%
2V Step
12
ns
SR
Slew Rate
6V Step
1200
1800
V/µs
Distortion and Noise Response
HD2
2nd Harmonic Distortion
2VPP, 20MHz
−58
dBc
HD3
3rd Harmonic Distortion
2VPP, 20MHz
−70
dBc
IMD
3rd Order Intermodulation
10MHz, POUT = 0dBm
−78
dBc
Products
Equivalent Input Noise
VN
Non-Inverting Voltage
>1MHz
3.4
nV/
√Hz
NICN
Inverting Current
>1MHz
10
pA/
√Hz
ICN
Non-Inverting Current
>1MHz
1.2
pA/
√Hz
(1)
All limits are specified by testing, design, or statistical analysis.
(2)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1


Similar Part No. - LMH6722QSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6722QSD TI1-LMH6722QSD Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6722QSD/NOPB TI1-LMH6722QSD/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6722QSDX TI1-LMH6722QSDX Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6722QSDX/NOPB TI1-LMH6722QSDX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
More results

Similar Description - LMH6722QSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6714 TI1-LMH6714 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com