Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH1251MT Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH1251MT
Description  YPBPR to RGBHV Converter and 2:1 Video Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH1251MT Datasheet(HTML) 2 Page - Texas Instruments

  LMH1251MT Datasheet HTML 1Page - Texas Instruments LMH1251MT Datasheet HTML 2Page - Texas Instruments LMH1251MT Datasheet HTML 3Page - Texas Instruments LMH1251MT Datasheet HTML 4Page - Texas Instruments LMH1251MT Datasheet HTML 5Page - Texas Instruments LMH1251MT Datasheet HTML 6Page - Texas Instruments LMH1251MT Datasheet HTML 7Page - Texas Instruments LMH1251MT Datasheet HTML 8Page - Texas Instruments LMH1251MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
INPUT SELECT
AUTO/MANUAL
DETECT SELECT
SD/HD SELECT*
POWER SAVE
ROUT
GOUT
BOUT
VCC
GND
REXT
H SYNCOUT
V SYNCOUT
GND
Yc
Y
PB IN
PR IN
VCC
GND
BIN
GIN
RIN
V SYNCIN
H SYNCIN
COLOR
DECODER
SYNC
PROCESSOR
1
2
12
11
10
9
8
7
6
5
4
3
24
23
22
21
20
19
18
17
16
15
14
13
LMH1251
SNLS193J – AUGUST 2005 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 24-Pin TSSOP - Top View
See PW Package
Truth Table-Input Select
Pin 24
OUT
0
RGBHV input Ch
1
YPBPR input Ch
Truth Table- Format/Conversion Select
Pin 23
Pin 22
SYNC
Format Detection
Conversion Scheme
0
0
Bi-Level
Manual
480i/480p
0
1
Tri-Level
Manual
720p/1080i
1
Outputs 0(1)
Bi-Level
Auto
480i/480p
1
Outputs 1(1)
Tri-Level
Auto
720p/1080i
(1)
When Pin 23 is set high, the LMH1251 is in Auto Mode, in which it can detect the incoming video format (SD or HD) and apply the
appropriate color conversion and sync processing. With Auto Mode, Pin 22 becomes an output pin, and will either output a logic high or
low to notify the user of the format that is being detected by the LMH1251. If Pin 23 is set low, the LMH1251 is in Manual Mode, in
which the user must specify the format with Pin 22. With Manual Mode, Pin 22 is an input pin. Since Pin 22 is a bi-directional pin, care
must be given not to apply any voltages to it when it is in the Auto Mode, in which it functions as an output pin. The use of the Auto
Mode with Pin 22 left floating is typically recommended.
Truth Table-Power Save
Pin 21
Low Power Mode
0
Disable
1
Enabled
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH1251


Similar Part No. - LMH1251MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH1251MT NSC-LMH1251MT Datasheet
614Kb / 10P
   YPBPR to RGB Decoder and 2:1 Video Switch
logo
Texas Instruments
LMH1251MT-NOPB TI-LMH1251MT-NOPB Datasheet
755Kb / 19P
[Old version datasheet]   YPBPR Path: 70 MHz, ?? dB, 700 mVPP Bandwidth
logo
National Semiconductor ...
LMH1251MTX NSC-LMH1251MTX Datasheet
614Kb / 10P
   YPBPR to RGB Decoder and 2:1 Video Switch
More results

Similar Description - LMH1251MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH1251 NSC-LMH1251 Datasheet
614Kb / 10P
   YPBPR to RGB Decoder and 2:1 Video Switch
logo
Chrontel, Inc.
CH7103B CHRONTEL-CH7103B Datasheet
186Kb / 6P
   CH7103B HDMI to YPbPr Converter
Rev 1.5 2021-5-20
logo
STMicroelectronics
AN2526 STMICROELECTRONICS-AN2526 Datasheet
185Kb / 10P
   STMAV340 has 4 channels and a 2 to 1 video switch
logo
Synaptics Incorporated.
CX25836 CONEXANT-CX25836 Datasheet
257Kb / 4P
   YPbPr component video input
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
NCS6433 ONSEMI-NCS6433 Datasheet
144Kb / 9P
   Wideband Quad 2:1 Video Switch
August, 2008 ??Rev. 1
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6366 FAIRCHILD-FMS6366_05 Datasheet
257Kb / 12P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com