Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LMH6643MA Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. LMH6643MA
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMH6643MA Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
40 mV/DIV
10.0 ns/DIV
VS = ±5V
VO = 100mVPP
AV = +1, RL = 2k
40 mV/DIV
10 ns/DIV
VS = 3V
VO = 100mVPP
RL = 2k to VS/2
AV = +1
400 mV/DIV
40.0 nS/DIV
VS=±1.5V
VO=2VPP
AV= -1
RL=2k
4 /DIV
VS = ±5V
VO = 8VPP
RL= 2k
AV = +2
AV = +1
200.0 ns/DIV
2
4
6
8
10
12
1
2
3
4
VS (V)
85°C
-40°C
25°C
VS = 3V
VO = 100mVPP
RL = 2k to VS/2
AV = -1
40 mV/DIV
20 ns/DIV
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +5, V= −5V, R
F = RL = 2kΩ. Unless otherwise specified.
IS vs. VS
Small Signal Step Response
Figure 49.
Figure 50.
Large Signal Step Response
Large Signal Step Response
Figure 51.
Figure 52.
Small Signal Step Response
Small Signal Step Response
Figure 53.
Figure 54.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMH6642 LMH6643 LMH6644


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn