Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR10515 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMR10515
Description  LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR10515 Datasheet(HTML) 4 Page - Texas Instruments

  LMR10515 Datasheet HTML 1Page - Texas Instruments LMR10515 Datasheet HTML 2Page - Texas Instruments LMR10515 Datasheet HTML 3Page - Texas Instruments LMR10515 Datasheet HTML 4Page - Texas Instruments LMR10515 Datasheet HTML 5Page - Texas Instruments LMR10515 Datasheet HTML 6Page - Texas Instruments LMR10515 Datasheet HTML 7Page - Texas Instruments LMR10515 Datasheet HTML 8Page - Texas Instruments LMR10515 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LMR10515
SNVS728C – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1) (2)
VIN = 5V unless otherwise indicated under the Conditions column. Limits in standard type are for TJ = 25°C only; limits in
boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are ensured
through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are
provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback Voltage
0.588
0.600
0.612
V
ΔVFB/VIN
Feedback Voltage Line Regulation
VIN = 3V to 5V
0.02
%/V
IB
Feedback Input Bias Current
0.1
100
nA
VIN Rising
2.73
2.90
V
Undervoltage Lockout
UVLO
VIN Falling
1.85
2.3
UVLO Hysteresis
0.43
V
LMR10515-X
1.2
1.6
1.95
FSW
Switching Frequency
MHz
LMR10515-Y
2.25
3.0
3.75
LMR10515-X
86
94
DMAX
Maximum Duty Cycle
%
LMR10515-Y
82
90
LMR10515-X
5
DMIN
Minimum Duty Cycle
%
LMR10515-Y
7
WSON Package
150
RDS(ON)
Switch On Resistance
m
SOT-23 Package
130
195
ICL
Switch Current Limit
VIN = 3.3V
1.8
2.5
A
Shutdown Threshold Voltage
0.4
VEN_TH
V
Enable Threshold Voltage
1.8
ISW
Switch Leakage
100
nA
IEN
Enable Pin Current
Sink/Source
100
nA
LMR10515X VFB = 0.55
3.3
5
mA
Quiescent Current (switching)
IQ
LMR10515Y VFB = 0.55
4.3
6.5
Quiescent Current (shutdown)
All Options VEN = 0V
30
nA
WSON Package
80
Junction to Ambient
θJA
°C/W
0 LFPM Air Flow(3)
SOT-23 Package
118
WSON Package
18
θJC
Junction to Case
°C/W
SOT-23 Package
80
TSD
Thermal Shutdown Temperature
165
°C
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Applies for packages soldered directly onto a 3” x 3” PC board with 2oz. copper on 4 layers in still air.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMR10515


Similar Part No. - LMR10515

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10515 TI-LMR10515 Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515XMF TI-LMR10515XMF Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515XMF/NOPB TI1-LMR10515XMF/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515XMFE TI-LMR10515XMFE Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515XMFE/NOPB TI1-LMR10515XMFE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
More results

Similar Description - LMR10515

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10520 TI1-LMR10520_14 Datasheet
1,022Kb / 26P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 2.0A Step-Down Voltage Regulator in WSON
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515 TI-LMR10515 Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
LMR10510 TI1-LMR10510_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10510 TI-LMR10510 Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR12015 TI1-LMR12015 Datasheet
1Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1.5A/2A Step-Down Voltage Regulator in WSON-10
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com