Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV226 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV226
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV226 Datasheet(HTML) 1 Page - Texas Instruments

  LMV226 Datasheet HTML 1Page - Texas Instruments LMV226 Datasheet HTML 2Page - Texas Instruments LMV226 Datasheet HTML 3Page - Texas Instruments LMV226 Datasheet HTML 4Page - Texas Instruments LMV226 Datasheet HTML 5Page - Texas Instruments LMV226 Datasheet HTML 6Page - Texas Instruments LMV226 Datasheet HTML 7Page - Texas Instruments LMV226 Datasheet HTML 8Page - Texas Instruments LMV226 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PA
ANTENNA
RFIN/EN
OUT
LMV226/
LMV228
RF
ENABLE
R2
10 k:
VDD
GND
50:
C
100 pF
PA
ANTENNA
OUT
RF
VDD
GND
RFIN/EN
LMV225
R1
1.8 k:
R2
10 k:
ENABLE
C
100 pF
LMV225, LMV226, LMV228
www.ti.com
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
Check for Samples: LMV225, LMV226, LMV228
1
FEATURES
DESCRIPTION
The LMV225/LMV226/LMV228 are 30 dB RF power
2
30 dB Linear in dB Power Detection Range
detectors intended for use in CDMA and WCDMA
Output Voltage Range 0.2 to 2V
applications. The device has an RF frequency range
Logic Low Shutdown
from 450 MHz to 2 GHz. It provides an accurate
temperature and supply compensated output voltage
Multi-Band Operation from 450 MHz to 2000
that relates linearly to the RF input power in dBm.
MHz
The circuit operates with a single supply from 2.7V to
Accurate Temperature Compensation
5.5V.
The
LMV225/LMV226/LMV228
have
an
Packages:
integrated filter for low-ripple average power detection
of CDMA signals with 30 dB dynamic range.
DSBGA Thin 1.0 mm x 1.0 mm x 0.6 mm
Additional filtering can be applied using a single
DSBGA Ultra Thin 1.0 mm x 1.0 mm x 0.35
external capacitor.
mm
The LMV225 has an RF power detection range from
WSON 2.2 mm x 2.5 mm x 0.8 mm
–30 dBm to 0 dBm and is ideally suited for direct use
(LMV225 and LMV228)
in
combination
with
resistive
taps.
The
LMV226/LMV228 have a detection range from –15
APPLICATIONS
dBm to 15 dBm and are intended for use in
combination with a directional coupler. The LMV226
CDMA RF Power Control
is equipped with a buffered output which makes it
WCDMA RF Power Control
suitable
for
GSM,
EDGE,
GPRS
and
TDMA
CDMA2000 RF Power Control
applications.
PA Modules
The device is active for Enable = HI, otherwise it is in
a low power consumption shutdown mode. During
shutdown the output will be LOW. The output voltage
ranges from 0.2V to 2V and can be scaled down to
meet ADC input range requirements.
The LMV225/LMV226/LMV228 power detectors are
offered in the thin 1.0 mm x 1.0 mm x 0.6 mm
DSBGA package and the ultra thin 1.0 mm x 1.0 mm
x 0.35 mm DSBGA package. The LMV225 and the
LMV228 are also offered in the 2.2 mm x 2.5 mm x
0.8 mm WSON package.
Typical Application
Figure 1. LMV225
Figure 2. LMV226/LMV228
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV226

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV226 NSC-LMV226 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV226 TI-LMV226 Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV226 TI1-LMV226 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV226 TI1-LMV226 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV226TL NSC-LMV226TL Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
More results

Similar Description - LMV226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_16 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
   Production RF Tested, RF Power Detector for CDMA and WCDMA
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
   Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
[Old version datasheet]   LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com