Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2064938-1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 2064938-1
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2064938-1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2064938-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2064938-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2064938-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2064938-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2064938-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2064938-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2064938-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2064938-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2064938-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
5
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
TABLE OF CONTENTS (Continued)
FC Connectors ................................................................................................................... 44
FC Connector Kits ...................................................................................................... 44
FC Adapters................................................................................................................. 44, 45
FC to FC Adapters...................................................................................................... 44
FC to ST Hybrid Adapters .......................................................................................... 45
FC to SC Hybrid Adapters.......................................................................................... 45
ESCON Connector............................................................................................................... 46
FSMA Connector ................................................................................................................ 46
FSMA Adapter.................................................................................................................... 46
MT-RJ SECURE Connectors ................................................................................................. 47
LIGHTCRIMP PLUS No Epoxy, No Polish LC, SC and ST Connectors ....................................... 48
Tooling......................................................................................................................... 49-56
Section 3 — Fiber Management & Capabilities ............................................ 57-62
Fiber Management Systems ............................................................................................... 58
LIGHTRAY OFX Optical Fiber Circuit Assemblies .................................................................. 59
On Card Fiber Management ................................................................................................ 60
Enclosures and Customer Interface Panels .......................................................................... 61
Laser Process for Fibershape Products ................................................................................ 62
Section 4 — Other Products and Capabilities ............................................... 63-70
AMP NETCONNECT Premises Wiring Products...................................................................... 64
Telecom Outside Plant Products ......................................................................................... 65
Attenuators .................................................................................................................. 66-69
Switches ........................................................................................................................... 70
Section 5 — Fiber to the Antenna Rugged Interconnect ................................... 71-96
Introduction ....................................................................................................................... 72
FULLAXS Fiber to the Antenna Rugged Interconnect ............................................................. 73
ODC™ Plug and Socket Cable Assemblies ...................................................................... 74-78
Max-Travel Fiber to the Antenna Rugged Interconnect .......................................................... 79
LC ODVA Connectors .................................................................................................... 80, 81
PRO BEAM Expanded Beam Rugged Optics Products ....................................................... 82-96
Part Number Index .............................................................................. 97, 98
ODC is a product and trademark of
HUBER+SUHNER AG.


Similar Part No. - 2064938-1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
List of Unclassifed Man...
2064 ETC2-2064 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Heyco.
2064 HEYCO-2064 Datasheet
133Kb / 1P
   Snap Bushings
logo
Christian Bürkert GmbH ...
2064 BURKERT-2064 Datasheet
992Kb / 16P
   T-diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
30.08.2023
logo
RAF ELECTRONIC HARDWARE
2064-440-AL RAF-2064-440-AL Datasheet
130Kb / 1P
   3/16 HEX FEMALE STANDOFFS
More results

Similar Description - 2064938-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com