Electronic Components Datasheet Search |
|
X-2064883-X Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers |
|
X-2064883-X Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers |
55 / 100 page 55 Catalog 1307895 Dimensions are shown for Dimensions are in millimeters Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and inches unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Fiber Optic Products Catalog 2 Note: All part numbers are RoHS compliant. Tooling (Continued) OPTIPOP C Card Cleaner Product Facts I Static attraction is minimized I Ultra clean micro-fiber cloth captures debris and other contamination I Robust cloth does not fray or leave fibrous material behind I Reduces the number of field and test issues caused by contaminated end faces I Compact size The compact OPTIPOP C dry cloth card cleaner offered by TE utilizes a densely woven micro-fiber cloth that cleans fiber optic connector tips while reducing static charge. This makes it one of the most advanced cleaning systems available for optical connector cleaning. Applications The card cleaner can be used on major optical connector types including FC compliant, SC, ST, LC, MU, LC, ODVA, MT-RJ*, and MPO*. *Without guide pins installed. Product Dimensions Length — 120 mm [4.72 in.] Width — 57 mm [2.24 in.] Thickness — 16 mm [0.63 in.] Weight — 60 g [0.13 lb.] OPTIPOP is a trademark of NTT Advanced Technology Corporation. Description Part Number Fiber connector card cleaner 1918810-1 Card cleaner refill (ten per pack) 1918811-1 Card Cleaner Refill (Ten per Pack) Part Number 1918811-1 NEOCLEAN Stick Cleaner Product Facts I Perforated handle for customizing length and angle I Ultra clean micro-fiber cloth captures debris and other contamination while minimizing static attraction I Robust cloth does not fray or leave fibrous material behind I Reduces the number of field and test issues caused by contaminated end faces I Convenient packaging The NEOCLEAN dry cloth stick cleaners offered by TE utilize a densely woven micro-fiber cloth that cleans fiber optic connector tips while reducing static charge. This makes them one of the most advanced cleaning systems available for bulkhead optical connector cleaning. Applications The stick cleaners can be used on major single fiber optical connector types inside bulkhead adapters including FC compliant, SC, ST, LC, MU, LC ODVA, and MT-RJ Jacks in addition to transceivers and lenses. NEOCLEAN is a trademark of NTT Advanced Technology Corporation. 2.5 mm 1.25 mm Product Dimensions Part Number 1918807-1 2.5 mm Stick Cleaner Overall Length — 151.2 mm [5.95 in.] Tip Diameter — 1.25 mm [0.049 in.] Handle Diameter — 2.65 mm [0.104 in.] Tip Length — 12.6 mm [0.496 in.] Part Number 1918808-1 1.25 mm Stick Cleaner Overall Length — 151.2 mm [5.95 in.] Tip Diameter — 2.5 mm [0.098 in.] Handle Diameter — 2.65 mm [0.104 in.] Tip Length — 20.0 mm [0.787 in.] |
Similar Part No. - X-2064883-X |
|
Similar Description - X-2064883-X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |