Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV834MT Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV834MT
Description  LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV834MT Datasheet(HTML) 4 Page - Texas Instruments

  LMV834MT Datasheet HTML 1Page - Texas Instruments LMV834MT Datasheet HTML 2Page - Texas Instruments LMV834MT Datasheet HTML 3Page - Texas Instruments LMV834MT Datasheet HTML 4Page - Texas Instruments LMV834MT Datasheet HTML 5Page - Texas Instruments LMV834MT Datasheet HTML 6Page - Texas Instruments LMV834MT Datasheet HTML 7Page - Texas Instruments LMV834MT Datasheet HTML 8Page - Texas Instruments LMV834MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LMV831, LMV832, LMV834
SNOSAZ6B – AUGUST 2008 – REVISED MARCH 2013
www.ti.com
3.3V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are specified for at TA = 25°C, V
+ = 3.3V, V= 0V, V
CM = V
+/2, and R
L =10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
GBW
Gain Bandwidth Product
3.3
MHz
Φm
Phase Margin
65
deg
en
Input Referred Voltage Noise Density
f = 1 kHz
12
nV/
√Hz
f = 10 kHz
10
in
Input Referred Current Noise Density
f = 1 kHz
0.005
pA/
√Hz
ROUT
Closed Loop Output Impedance
f = 2 MHz
500
CIN
Common-mode Input Capacitance
15
pF
Differential-mode Input Capacitance
20
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, BW ≥ 500 kHz
0.02
%
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are specified for at TA = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2, and R
L = 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage(4)
±0.25
±1.00
mV
±1.23
TCVOS
Input Offset Voltage Temperature
LMV831,
±0.5
±1.5
Drift(4)(5)
LMV832
μV/°C
LMV834
±0.5
±1.7
IB
Input Bias Current(5)
0.1
10
pA
500
IOS
Input Offset Current
1
pA
CMRR
Common-Mode Rejection Ratio(4)
0V
≤ VCM ≤ V
+ −1.2V
77
93
dB
77
PSRR
Power Supply Rejection Ratio(4)
2.7V
≤ V+ ≤ 5.5V,
76
93
dB
VOUT = 1V
75
EMIRR
EMI Rejection Ratio, IN+ and IN-(6)
VRF_PEAK=100 mVP (−20 dBP),
80
f = 400 MHz
VRF_PEAK=100 mVP (−20 dBP),
90
f = 900 MHz
dB
VRF_PEAK=100 mVP (−20 dBP),
110
f = 1800 MHz
VRF_PEAK=100 mVP (−20 dBP),
120
f = 2400 MHz
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 65 dB
–0.1
3.8
V
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
The typical value is calculated by applying absolute value transform to the distribution, then taking the statistical average of the resulting
distribution.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
(6)
The EMI Rejection Ratio is defined as EMIRR = 20log ( VRF_PEAK/ΔVOS).
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMV831 LMV832 LMV834


Similar Part No. - LMV834MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV834MT NSC-LMV834MT Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV834MT NSC-LMV834MT Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV834MT TI1-LMV834MT Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
LMV834MT/NOPB TI1-LMV834MT/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
LMV834MTNOPB TI1-LMV834MTNOPB Datasheet
900Kb / 25P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened
More results

Similar Description - LMV834MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV831 TI-LMV831_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 TI1-LMV831_13 Datasheet
900Kb / 25P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened
logo
National Semiconductor ...
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com