Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV721M5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV721M5
Description  LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV721M5 Datasheet(HTML) 2 Page - Texas Instruments

  LMV721M5 Datasheet HTML 1Page - Texas Instruments LMV721M5 Datasheet HTML 2Page - Texas Instruments LMV721M5 Datasheet HTML 3Page - Texas Instruments LMV721M5 Datasheet HTML 4Page - Texas Instruments LMV721M5 Datasheet HTML 5Page - Texas Instruments LMV721M5 Datasheet HTML 6Page - Texas Instruments LMV721M5 Datasheet HTML 7Page - Texas Instruments LMV721M5 Datasheet HTML 8Page - Texas Instruments LMV721M5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LMV721-N, LMV722-N
SNOS414I – AUGUST 1999 – REVISED AUGUST 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
100V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V+ – V)
6V
Soldering Information
Infrared or Convection (20 sec.)
235°C
Storage Temp. Range
−65°C to 150°C
Junction Temperature (4)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5 k
Ω in series with 100 pF. Machine model, 200Ω in series with 100 pF.
(4)
The maximum power dissipation is a function of TJ(max), θJA, and TA . The maximum allowable power dissipation at any ambient
temperature is P D = (TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
2.2V to 5.5V
Temperature Range
−40°C ≤T J ≤85°C
Thermal Resistance (
θJA)
Silicon Dust SC70-5 Pkg
440°C/W
Tiny SOT-23 package
265 °C/W
SOIC package, 8-pin Surface Mount
190°C/W
VSSOP package, 8-Pin Mini Surface Mount
235 °C/W
SOIC package, 14-Pin Surface Mount
145°C/W
(1)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 30 mA over long term may adversely
affect reliability.
2.2V DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 2.2V, V= 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Limit (2)
Units
VOS
Input Offset Voltage
0.02
3
mV
3.5
max
TCVOS
Input Offset Voltage Average Drift
0.6
μV/°C
IB
Input Bias Current
260
nA
IOS
Input Offset Current
25
nA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.3V
88
70
dB
64
min
PSRR
Power Supply Rejection Ratio
2.2V
≤ V+ ≤ 5V, VO = 0 VCM = 0
90
70
dB
64
min
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50dB
−0.30
V
1.3
V
AV
Large Signal Voltage Gain
RL=600Ω
81
75
dB
VO = 0.75V to 2.00V
60
min
RL= 2kΩ
84
75
dB
VO = 0.50V to 2.10V
60
min
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV721-N LMV722-N


Similar Part No. - LMV721M5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721M5 NSC-LMV721M5 Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721M5 TI1-LMV721M5 Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721M5 TI1-LMV721M5 Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721M5/NOPB TI1-LMV721M5/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
National Semiconductor ...
LMV721M5X NSC-LMV721M5X Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
More results

Similar Description - LMV721M5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721-N TI1-LMV721-N Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721 NSC-LMV721_06 Datasheet
927Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz Low-Noise, Low-Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com