Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV712TL Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV712TL
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712TL Datasheet(HTML) 1 Page - Texas Instruments

  LMV712TL Datasheet HTML 1Page - Texas Instruments LMV712TL Datasheet HTML 2Page - Texas Instruments LMV712TL Datasheet HTML 3Page - Texas Instruments LMV712TL Datasheet HTML 4Page - Texas Instruments LMV712TL Datasheet HTML 5Page - Texas Instruments LMV712TL Datasheet HTML 6Page - Texas Instruments LMV712TL Datasheet HTML 7Page - Texas Instruments LMV712TL Datasheet HTML 8Page - Texas Instruments LMV712TL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMV712-N
www.ti.com
SNOS534G – MAY 2004 – REVISED MARCH 2010
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
Independent Shutdown
Check for Samples: LMV712-N
1
FEATURES
2
(Typical Unless Otherwise Noted)
1.5µA Shutdown ICC
5MHz GBP
2.2µs Turn On
Slew Rate 5V/µs
APPLICATIONS
Low Noise 20nV/
√Hz
Power Amplifier Control Loop
Supply Current 1.22mA/Channel
Cellular Phones
VOS< 3mV Max
Portable Equipment
Guaranteed 2.7V and 5V Specifications
Wireless LAN
Rail-to-Rail Inputs and Outputs
Radio Systems
Unity Gain Stable
Cordless Phones
Small Package: 10-Pin WSON, 10-Pin VSSOP
and 10-Bump DSBGA
DESCRIPTION
The LMV712-N duals are high performance BiCMOS operational amplifiers intended for applications requiring
Rail-to-Rail inputs combined with speed and low noise. They offer a bandwidth of 5MHz and a slew rate of 5
V/µs and can handle capacitive loads of up to 200pF without oscillation.
The LMV712-N is guaranteed to operate from 2.7V to 5.5V and offers two independent shutdown pins. This
feature allows disabling of each device separately and reduces the supply current to less than 1µA typical. The
output voltage rapidly ramps up smoothly with no glitch as the amplifier comes out of the shutdown mode.
The LMV712-N with the shutdown feature is offered in space saving 10-Bump DSBGA and 10-Pin WSON
packages. It is also offered in 10-Pin VSSOP package. These packages are designed to meet the demands of
small size, low power, and low cost required by cellular phones and similar battery operated portable electronics.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV712TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV712TL TI1-LMV712TL Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TL TI1-LMV712TL Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TL TI-LMV712TL Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
LMV712TL TI1-LMV712TL Datasheet
1Mb / 24P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
LMV712TL/NOPB TI1-LMV712TL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
More results

Similar Description - LMV712TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV712-N TI1-LMV712-N Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
Texas Instruments
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
[Old version datasheet]   LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com