Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2981IM5-3.6 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP2981IM5-3.6
Description  LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2981IM5-3.6 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2981IM5-3.6 Datasheet HTML 5Page - Texas Instruments LP2981IM5-3.6 Datasheet HTML 6Page - Texas Instruments LP2981IM5-3.6 Datasheet HTML 7Page - Texas Instruments LP2981IM5-3.6 Datasheet HTML 8Page - Texas Instruments LP2981IM5-3.6 Datasheet HTML 9Page - Texas Instruments LP2981IM5-3.6 Datasheet HTML 10Page - Texas Instruments LP2981IM5-3.6 Datasheet HTML 11Page - Texas Instruments LP2981IM5-3.6 Datasheet HTML 12Page - Texas Instruments LP2981IM5-3.6 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LP2981-N
www.ti.com
SNOS773K – MARCH 2000 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C, VIN = VO(NOM) + 1V, COUT = 4.7 μF, CIN = 1 μF all voltage options, ON/OFF pin tied to
VIN.
Output Impedance vs
Output Noise Density
Frequency
Figure 26.
Figure 27.
Input to Output Leakage
Output Reverse Leakage vs
vs Temperature
Temperature
Figure 28.
Figure 29.
Turn-On Waveform
Turn-Off Waveform
Figure 30.
Figure 31.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP2981-N


Similar Part No. - LP2981IM5-3.6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981IM5-3.6 NSC-LP2981IM5-3.6 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981IM5-3.6 TI1-LP2981IM5-3.6 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-3.6 TI1-LP2981IM5-3.6 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-3.6 TI1-LP2981IM5-3.6 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-3.6 TI1-LP2981IM5-3.6 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
More results

Similar Description - LP2981IM5-3.6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981AIM5-33 TI1-LP2981AIM5-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-33 TI1-LP2981AIM5X-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N_15 TI-LP2981-N_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   LP2981-N Micropower 100-mA Ultra-Low Dropout Regulator in SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com