Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985IM5X-1.8 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2985IM5X-1.8
Description  LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985IM5X-1.8 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2985IM5X-1.8 Datasheet HTML 7Page - Texas Instruments LP2985IM5X-1.8 Datasheet HTML 8Page - Texas Instruments LP2985IM5X-1.8 Datasheet HTML 9Page - Texas Instruments LP2985IM5X-1.8 Datasheet HTML 10Page - Texas Instruments LP2985IM5X-1.8 Datasheet HTML 11Page - Texas Instruments LP2985IM5X-1.8 Datasheet HTML 12Page - Texas Instruments LP2985IM5X-1.8 Datasheet HTML 13Page - Texas Instruments LP2985IM5X-1.8 Datasheet HTML 14Page - Texas Instruments LP2985IM5X-1.8 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LP2985LV-N
www.ti.com
SNOS510P – NOVEMBER 1999 – REVISED APRIL 2013
Noise Bypass Capacitor
Connecting a 10 nF capacitor to the Bypass pin significantly reduces noise on the regulator output. It should be
noted that the capacitor is connected directly to a high-impedance circuit in the bandgap reference.
Because this circuit has only a few microamperes flowing in it, any significant loading on this node will cause a
change in the regulated output voltage. For this reason, DC leakage current through the noise bypass capacitor
must never exceed 100 nA, and should be kept as low as possible for best output voltage accuracy.
The types of capacitors best suited for the noise bypass capacitor are ceramic and film. High-quality ceramic
capacitors with either NPO or COG dielectric typically have very low leakage. 10 nF polypropolene and
polycarbonate film capacitors are available in small surface-mount packages and typically have extremely low
leakage current.
CAPACITOR CHARACTERISTICS
The LP2985LV-N was designed to work with ceramic capacitors on the output to take advantage of the benefits
they offer: for capacitance values in the 2.2 µF to 4.7 µF range, ceramics are the least expensive and also have
the lowest ESR values (which makes them best for eliminating high-frequency noise). The ESR of a typical 2.2
µF ceramic capacitor is in the range of 10 m
Ω to 20 mΩ, which easily meets the ESR limits required for stability
by the LP2985LV-N.
One disadvantage of ceramic capacitors is that their capacitance can vary with temperature. Most large value
ceramic capacitors (
≥ 2.2 µF) are manufactured with the Z5U or Y5V temperature characteristic, which results in
the capacitance dropping by more than 50% as the temperature goes from 25°C to 85°C.
This could cause problems if a 2.2 µF capacitor were used on the output since it will drop down to approximately
1 µF at high ambient temperatures (which could cause the LP2985LV-N to oscillate). If Z5U or Y5V capacitors
are used on the output, a minimum capacitance value of 4.7 µF must be observed.
A better choice for temperature coefficient in ceramic capacitors is X7R, which holds the capacitance within
±15%. Unfortunately, the larger values of capacitance are not offered by all manufacturers in the X7R dielectric.
Tantalum
Tantalum capacitors are less desirable than ceramics for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1 µF to 4.7 µF range.
Another important consideration is that Tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a Tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value.
It should also be noted that the ESR of a typical Tantalum will increase about 2:1 as the temperature goes from
25°C down to
−40°C, so some guard band must be allowed.
On/Off Input Operation
The LP2985LV-N is shut off by driving the ON/OFF input low, and turned on by pulling it high. If this feature is
not to be used, the ON/OFF input should be tied to VIN to keep the regulator output on at all times.
To assure proper operation, the signal source used to drive the ON/OFF input must be able to swing above and
below the specified turn-on/turn-off voltage thresholds listed in the ELECTRICAL CHARACTERISTICS(1) section
under VON/OFF. To prevent mis-operation, the turn-on (and turn-off) voltage signals applied to the ON/OFF input
must have a slew rate which is
≥ 40 mV/µs.
CAUTION
The regulator output voltage cannot be ensured if a slow-moving AC (or DC) signal is
applied that is in the range between the specified turn-on and turn-off voltages listed
under the electrical specification VON/OFF (see Electrical Characteristics).
(1)
Exposing the DSBGA device to direct sunlight will cause misoperation. See APPLICATION HINTS for additional information.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2985LV-N


Similar Part No. - LP2985IM5X-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985IM5X-1.8 NSC-LP2985IM5X-1.8 Datasheet
546Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2985IM5X-1.8 NSC-LP2985IM5X-1.8 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985IM5X-1.8 TI1-LP2985IM5X-1.8 Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985IM5X-1.8 TI-LP2985IM5X-1.8 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
TECH PUBLIC Electronics...
LP2985IM5X-1.8 TECHPUBLIC-LP2985IM5X-1.8 Datasheet
4Mb / 8P
   16V,200mA, 5uA, Higt PSRR Voltage Reaulator
More results

Similar Description - LP2985IM5X-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
logo
National Semiconductor ...
LP2985LV NSC-LP2985LV Datasheet
546Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2985LV_0406 NSC-LP2985LV_0406 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
[Old version datasheet]   LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP2985IM5-33 TI1-LP2985IM5-33 Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
logo
National Semiconductor ...
LP2980LV NSC-LP2980LV Datasheet
344Kb / 14P
   Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com