Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3981IMM-2.8 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3981IMM-2.8
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981IMM-2.8 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3981IMM-2.8 Datasheet HTML 3Page - Texas Instruments LP3981IMM-2.8 Datasheet HTML 4Page - Texas Instruments LP3981IMM-2.8 Datasheet HTML 5Page - Texas Instruments LP3981IMM-2.8 Datasheet HTML 6Page - Texas Instruments LP3981IMM-2.8 Datasheet HTML 7Page - Texas Instruments LP3981IMM-2.8 Datasheet HTML 8Page - Texas Instruments LP3981IMM-2.8 Datasheet HTML 9Page - Texas Instruments LP3981IMM-2.8 Datasheet HTML 10Page - Texas Instruments LP3981IMM-2.8 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LP3981
www.ti.com
SNVS159G – OCTOBER 2001 – REVISED MAY 2013
Typical Performance Characteristics
Unless otherwise specified, CIN = COUT = 2.2 µF Ceramic, CBP = 0.033 µF, VIN = VOUT + 0.5V, TA = 25°C, Enable pin is tied to
VIN.
Output Voltage
Dropout Voltage
vs.
vs.
Temperature (VOUT = 2.83V)
Temperature (VOUT = 2.85V)
Ground Current
vs.
Load Current (VOUT = 2.85V)
Output Short Circuit Current
Output Short Circuit Current
Ripple Rejection (VIN = VOUT + 1V)
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3981


Similar Part No. - LP3981IMM-2.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3981IMM-2.8 NSC-LP3981IMM-2.8 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Texas Instruments
LP3981IMM-2.8 TI-LP3981IMM-2.8 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-2.8 TI-LP3981IMM-2.8 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-2.8/NOPB TI1-LP3981IMM-2.8/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3981IMM-2.83 NSC-LP3981IMM-2.83 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
More results

Similar Description - LP3981IMM-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3981ILD-3.3 TI-LP3981ILD-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com