Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38691SDX-3.3 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP38691SDX-3.3
Description  LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38691SDX-3.3 Datasheet(HTML) 4 Page - Texas Instruments

  LP38691SDX-3.3 Datasheet HTML 1Page - Texas Instruments LP38691SDX-3.3 Datasheet HTML 2Page - Texas Instruments LP38691SDX-3.3 Datasheet HTML 3Page - Texas Instruments LP38691SDX-3.3 Datasheet HTML 4Page - Texas Instruments LP38691SDX-3.3 Datasheet HTML 5Page - Texas Instruments LP38691SDX-3.3 Datasheet HTML 6Page - Texas Instruments LP38691SDX-3.3 Datasheet HTML 7Page - Texas Instruments LP38691SDX-3.3 Datasheet HTML 8Page - Texas Instruments LP38691SDX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LP38691, LP38693
SNVS321K – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VOUT + 1V, CIN = COUT = 10 µF, ILOAD = 10mA. Min/Max limits are specified through testing,
statistical correlation, or design.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
-2.0
2.0
VO
Output Voltage Tolerance
%VOUT
100 µA < IL < 0.5A
-4.0
4.0
VO + 1V ≤ VIN ≤ 10V
ΔVO/ΔVIN
Output Voltage Line Regulation(2)
VO + 0.5V ≤ VIN ≤ 10V
0.03
0.1
%/V
IL = 25mA
ΔVO/ΔIL
Output Voltage Load Regulation(3)
1 mA < IL < 0.5A
1.8
5
%/A
VIN = VO + 1V
(VO = 2.5V)
80
145
IL = 0.1A
430
725
IL = 0.5A
(VO = 3.3V)
65
110
VIN - VOUT
Dropout Voltage(4)
IL = 0.1A
mV
330
550
IL = 0.5A
(VO = 5V)
45
100
IL = 0.1A
250
450
IL = 0.5A
IQ
Quiescent Current
VIN ≤ 10V, IL =100 µA - 0.5A
55
100
VEN ≤ 0.4V, (LP38693 Only)
0.001
1
µA
IL(MIN)
Minimum Load Current
VIN - VO ≤ 4V
100
IFB
Foldback Current Limit
VIN - VO > 5V
350
mA
VIN - VO < 4V
850
PSRR
Ripple Rejection
VIN = VO + 2V(DC), with 1V(p-p) /
55
dB
120Hz Ripple
TSD
Thermal Shutdown Activation
160
(Junction Temp)
°C
TSD (HYST)
Thermal Shutdown Hysteresis
10
(Junction Temp)
en
Output Noise
BW = 10Hz to 10kHz
0.7
µV/
√Hz
VO = 3.3V
VO (LEAK)
Output Leakage Current
VO = VO(NOM) + 1V @ 10VIN
0.5
12
µA
VEN
Enable Voltage (LP38693 Only)
Output = OFF
0.4
Output = ON, VIN = 4V
1.8
V
Output = ON, VIN = 6V
3.0
Output = ON, VIN = 10V
4.0
IEN
Enable Pin Leakage (LP38693
VEN = 0V or 10V, VIN = 10V
-1
0.001
1
µA
Only)
(1)
Typical numbers represent the most likely parametric norm for 25°C operation.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from 1mA to
full load.
(4)
Dropout voltage is defined as the minimum input to output differential required to maintain the output within 100mV of nominal value.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693


Similar Part No. - LP38691SDX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38691SDX-3.3 NSC-LP38691SDX-3.3 Datasheet
793Kb / 15P
   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691SDX-3.3 TI-LP38691SDX-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SDX-3.3 TI-LP38691SDX-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SDX-3.3 TI-LP38691SDX-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SDX-3.3 TI1-LP38691SDX-3.3 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
More results

Similar Description - LP38691SDX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com