Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990TL-1.8 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3990TL-1.8
Description  LP3990 150mA Linear Voltage Regulator for Digital Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990TL-1.8 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3990TL-1.8 Datasheet HTML 4Page - Texas Instruments LP3990TL-1.8 Datasheet HTML 5Page - Texas Instruments LP3990TL-1.8 Datasheet HTML 6Page - Texas Instruments LP3990TL-1.8 Datasheet HTML 7Page - Texas Instruments LP3990TL-1.8 Datasheet HTML 8Page - Texas Instruments LP3990TL-1.8 Datasheet HTML 9Page - Texas Instruments LP3990TL-1.8 Datasheet HTML 10Page - Texas Instruments LP3990TL-1.8 Datasheet HTML 11Page - Texas Instruments LP3990TL-1.8 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TIME (50 Ps/DIV)
IL = 1 mA
TIME (50 Ps/DIV)
IL = 150 mA
100
1k
10k
100k
1M
FREQUENCY (Hz)
IL = 1 mA
COUT = 0.47 PF
COUT = 1 PF
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
ILOAD = 150 mA
COUT = 1 PF
COUT = 0.47 PF
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
TIME (100 Ps/DIV)
800
VIN = 6V
600
400
200
0
TIME (100 Ps/DIV)
3.1
2.5
CIN = 1 PF
COUT = 0.47 PF
IL = 1 to 150 mA
LP3990
SNVS251I – MAY 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, CIN = 1.0µF Ceramic, COUT = 0.47 µF Ceramic, VIN = VOUT(NOM) + 1.0V, TA = 25°C, VOUT(NOM) =
1.5V , Shutdown pin is tied to VIN.
Short Circuit Current
Line transient
Power Supply Rejection Ratio
Power Supply Rejection Ratio
Enable Start-up Time
Enable Start-up Time
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3990


Similar Part No. - LP3990TL-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990TL-1.8 NSC-LP3990TL-1.8 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990TL-1.8 TI-LP3990TL-1.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-1.8/NOPB TI1-LP3990TL-1.8/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990TL-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com