Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985AIM5-2.0 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2985AIM5-2.0
Description  LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985AIM5-2.0 Datasheet(HTML) 1 Page - Texas Instruments

  LP2985AIM5-2.0 Datasheet HTML 1Page - Texas Instruments LP2985AIM5-2.0 Datasheet HTML 2Page - Texas Instruments LP2985AIM5-2.0 Datasheet HTML 3Page - Texas Instruments LP2985AIM5-2.0 Datasheet HTML 4Page - Texas Instruments LP2985AIM5-2.0 Datasheet HTML 5Page - Texas Instruments LP2985AIM5-2.0 Datasheet HTML 6Page - Texas Instruments LP2985AIM5-2.0 Datasheet HTML 7Page - Texas Instruments LP2985AIM5-2.0 Datasheet HTML 8Page - Texas Instruments LP2985AIM5-2.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LP2985LV-N
www.ti.com
SNOS510P – NOVEMBER 1999 – REVISED APRIL 2013
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and
DSBGA packages for Applications with Output Voltages
≤ 2.0V
Designed for Use with Very Low ESR Output Capacitors
Check for Samples: LP2985LV-N
1
FEATURES
DESCRIPTION
The LP2985LV-N is a 150 mA, fixed-output voltage
2
Ensured 150 mA Output Current
regulator designed to provide high performance and
Smallest Possible Size (DSBGA)
low noise in applications requiring output voltages
Requires Minimum External Components
2.0V.
Stable With Low-ESR Output Capacitor
Using an optimized VIP (Vertically Integrated PNP)
<1 µA Quiescent Current When Shut Down
process,
the
LP2985LV-N
delivers
unequaled
performance in all specifications critical to battery-
Low Ground Pin Current at all Loads
powered designs:
Output Voltage Accuracy 1% (A Grade)
Ground Pin Current: Typically 825 µA @ 150 mA
High Peak Current Capability
load, and 75 µA @ 1 mA load.
Wide Supply Voltage Range (16V Max)
Enhanced Stability: The LP2985LV-N is stable with
Low ZOUT: 0.3Ω Typical (10 Hz to 1 MHz)
output capacitor ESR as low as 5 m
Ω, which allows
Overtemperature/Overcurrent Protection
the use of ceramic capacitors on the output.
−40°C to +125°C Junction Temperature Range
Sleep Mode: Less than 1 µA quiescent current when
Custom Voltages Available
ON/OFF pin is pulled low.
Smallest Possible Size: DSBGA package uses
APPLICATIONS
absolute minimum board space.
Cellular Phone
Precision Output: 1% tolerance output voltages
Palmtop/Laptop Computer
available (A grade).
Personal Digital Assistant (PDA)
Low Noise: By adding a 10 nF bypass capacitor,
Camcorder, Personal Stereo, Camera
output noise can be reduced to 30 µV (typical).
Block Diagram
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2985AIM5-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985AIM5-2.0 NSC-LP2985AIM5-2.0 Datasheet
546Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2985AIM5-2.0 NSC-LP2985AIM5-2.0 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985AIM5-2.0 TI1-LP2985AIM5-2.0 Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985AIM5-2.0 TI-LP2985AIM5-2.0 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP2985AIM5-2.0/NOPB TI1-LP2985AIM5-2.0/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
More results

Similar Description - LP2985AIM5-2.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
logo
National Semiconductor ...
LP2985LV NSC-LP2985LV Datasheet
546Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2985LV_0406 NSC-LP2985LV_0406 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
[Old version datasheet]   LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP2985IM5-33 TI1-LP2985IM5-33 Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
logo
National Semiconductor ...
LP2980LV NSC-LP2980LV Datasheet
344Kb / 14P
   Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com