Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990MF-2.8 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3990MF-2.8
Description  LP3990 150mA Linear Voltage Regulator for Digital Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990MF-2.8 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3990MF-2.8 Datasheet HTML 6Page - Texas Instruments LP3990MF-2.8 Datasheet HTML 7Page - Texas Instruments LP3990MF-2.8 Datasheet HTML 8Page - Texas Instruments LP3990MF-2.8 Datasheet HTML 9Page - Texas Instruments LP3990MF-2.8 Datasheet HTML 10Page - Texas Instruments LP3990MF-2.8 Datasheet HTML 11Page - Texas Instruments LP3990MF-2.8 Datasheet HTML 12Page - Texas Instruments LP3990MF-2.8 Datasheet HTML 13Page - Texas Instruments LP3990MF-2.8 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LP3990
SNVS251I – MAY 2004 – REVISED MAY 2013
www.ti.com
APPLICATION HINTS
EXTERNAL CAPACITORS
In common with most regulators, the LP3990 requires external capacitors for regulator stability. The LP3990 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
INPUT CAPACITOR
An input capacitor is required for stability. It is recommended that a 1.0µF capacitor be connected between the
LP3990 input pin and ground (this capacitance value may be increased without limit).
This capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean
analogue ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: To ensure stable operation it is essential that good PCB design practices are employed to minimize
ground impedance and keep input inductance low. If these conditions cannot be met, or if long leads are used to
connect the battery or other power source to the LP3990, then it is recommended that the input capacitor is
increased. Also, tantalum capacitors can suffer catastrophic failures due to surge current when connected to a
low-impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the
input, it must be guaranteed by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR (Equivalent Series Resistance) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will remain
approximately 1.0µF over the entire operating temperature range.
OUTPUT CAPACITOR
The LP3990 is designed specifically to work with very small ceramic output capacitors. A 1.0µF ceramic
capacitor (temperature types Z5U, Y5V or X7R) with ESR between 5m
Ω to 500mΩ, is suitable in the LP3990
application circuit.
For this device the output capacitor should be connected between the VOUT pin and ground.
It is also possible to use tantalum or film capacitors at the device output, COUT (or VOUT), but these are not as
attractive for reasons of size and cost (see CAPACITOR CHARACTERISTICS).
The output capacitor must meet the requirement for the minimum value of capacitance and also have an ESR
value that is within the range 5m
Ω to 500mΩ for stability.
NO-LOAD STABILITY
The LP3990 will remain stable and in regulation with no external load. This is an important consideration in some
circuits, for example CMOS RAM keep-alive applications.
CAPACITOR CHARACTERISTICS
The LP3990 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer. For capacitance values in the range of 0.47µF to 4.7µF, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values, thus making them best for eliminating high frequency noise. The
ESR of a typical 1.0µF ceramic capacitor is in the range of 20m
Ω to 40mΩ, which easily meets the ESR
requirement for stability for the LP3990.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly, depending on the operating conditions and
capacitor type.
In particular, the output capacitor selection should take account of all the capacitor parameters, to ensure that the
specification is met within the application. The capacitance can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values will also show some decrease over time due to aging.
The capacitor parameters are also dependant on the particular case size, with smaller sizes giving poorer
performance figures in general. As an example, Figure 1 shows a typical graph comparing different capacitor
case sizes in a Capacitance vs. DC Bias plot. As shown in the graph, increasing the DC Bias condition can result
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3990


Similar Part No. - LP3990MF-2.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990MF-2.8 NSC-LP3990MF-2.8 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990MF-2.8 TI-LP3990MF-2.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-2.8/NOPB TI1-LP3990MF-2.8/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990MF-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com