Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-338086-4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1-338086-4
Description  Quick Reference Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1-338086-4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1-338086-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1-338086-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1-338086-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1-338086-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1-338086-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1-338086-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
te.com/products/stdmodjacks
Single Port Modular Jacks
TE Connectivity
Keyed
Designed for the use with a keyed plug to
ensure proper mating and will also accept a
standard plug
Mounting pegs
Provide location and retention support dur-
ing soldering processes, but do not function
as boardlocks. The majority of modular
jacks have some type of mounting peg.
Basic Information
PERFORMANCE CATEGORY
Category
Applications
Cat 3
10 BASE-T
Cat 5
10/100 BASE-T
Cat 5e
10/100/1000 BASE-T or
Gigabit Ethernet
Cat 6a
10 Gigabit Ethernet
RJ DESIGNATION
RJ Designation
Position/Contacts
Loaded
RJ11
6/2
RJ14
6/4
RJ22
4/4
RJ25
6/6
RJ45
8/8
RJ Designation
Modular jacks are commonly misrepresented by the Registered
Jack (RJ) designations shown below. TE Connectivity modular jacks
should be selected by position size and number of contacts loaded.
Product Features
Shielded
A metal shell that provides EMI/RFI
protection. EMI* RFI is unwanted
electromagnetic energy (or “noise”) in the
frequency range that is generally used in
radio communication.
Inverted
Contacts are on the bottom and the latch
is on the top to allow for alternate location
of latch.
Grounding Options
Panel Ground — Makes contact with the
panel for ground connections
PCB Ground — Makes contact with the PCB
for ground connections
LEDs
Integrated into the modular jack, eliminating
the need for additional system space for
indicators. Available in multiple colors and
configurations.
Panel Stops
Provides additional mechanical support,
especially with top entry jacks.
*Terminology Key
EMI — Electro Magnetic Interference
RFI — Radio Frequency Interference
Inverted Latch
Tab Up
Standard Latch
Tab Down


Similar Part No. - 1-338086-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-338086-4 TEC-1-338086-4 Datasheet
457Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-338086-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1827682-1 ETC2-1827682-1 Datasheet
2Mb / 4P
   QUICK REFERENCE GUIDE
2013928-8 ETC2-2013928-8 Datasheet
1Mb / 4P
   Quick Reference Guide
logo
TE Connectivity Ltd
1-1773735-6 TEC-1-1773735-6 Datasheet
955Kb / 2P
   QUICK REFERENCE GUIDE
logo
Panasonic Semiconductor
KX-T7730 PANASONIC-KX-T7730 Datasheet
3Mb / 16P
   Quick Reference Guide
logo
Tyco Electronics
FTN59 MACOM-FTN59 Datasheet
550Kb / 6P
   Quick Reference Guide
2110819-1 MACOM-2110819-1 Datasheet
4Mb / 6P
   Quick Reference Guide
logo
TE Connectivity Ltd
1981959-1 TEC-1981959-1 Datasheet
1Mb / 6P
   SIM CARD CONNECTORS QUICK REFERENCE GUIDE
10/23
logo
Tyco Electronics
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
5-104935-6 MACOM-5-104935-6 Datasheet
633Kb / 6P
   Quick Reference Guide AMPMODU MTE Interconnect System
logo
List of Unclassifed Man...
647676-4 ETC2-647676-4 Datasheet
426Kb / 4P
   Quick Reference Guide Economy Power Connector System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com