Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP227GN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OP227GN
Description  MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OP227GN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OP227GN Datasheet HTML 1Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 2Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 3Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 4Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 5Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 6Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 7Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 8Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-86887
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
C
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing describes device requirements for MIL-STD-883 compliant, non-JAN class level B microcircuits in
accordance with MIL-PRF-38535, appendix A.
1.2 Part or Identifying Number (PIN). The complete PIN is as shown in the following example:
5962-86887
01
C
A
Drawing number
Device type
(see 1.2.1)
Case outline
(see 1.2.2)
Lead finish
(see 1.2.3)
1.2.1 Device type(s). The device type(s) identify the circuit function as follows:
Device type
Generic number
Circuit function
01
OP-227A
Dual, low-offset, low noise operational amplifier
1.2.2 Case outline(s). The case outline(s) are as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style
C
GDIP1-T14 or CDIP2-T14
14
Dual-in-line
1.2.3 Lead finish. The lead finish is as specified in MIL-PRF-38535, appendix A.
1.3 Absolute maximum ratings. 1/
Supply voltage (VCC) ............................................................. ±22 V dc
Input voltage range (VIN) ........................................................ ±22 V dc
Output short circuit duration .................................................... Indefinite
Differential input current ..........................................................
±25 mA 2/
Differential input voltage range ...............................................
±0.7 V dc
Lead temperature (soldering, 60 seconds) ............................. +300
°C
Storage temperature range ..................................................... -65
°C to +150°C
Maximum power dissipation (PD) ........................................... 500 mW 3/
Thermal resistance, junction-to-case (
θJC) ............................. See MIL-STD-1835
1.4 Recommended operating conditions.
Supply voltage (VCC) ............................................................. ±4.5 V dc to ±18 V dc
Ambient operating temperature range (TA) ............................. -55°C to +125°C
______
1/ Unless otherwise specified, all voltages are references to ground.
2/ The inputs are protected by back-to-back diodes. Current limiting resistors are not used in order to achieve low noise.
If differential input voltage exceeds
±0.7 V, the input current should be limited to 25 mA.
3/ For TA greater than 106°C, derate linearly at 11.3 mW/°C.


Similar Part No. - OP227GN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP227GY AD-OP227GY Datasheet
481Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
REV. A
More results

Similar Description - OP227GN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com