Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH32245ZKER Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ALVCH32245ZKER
Description  32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH32245ZKER Datasheet(HTML) 5 Page - Texas Instruments

  74ALVCH32245ZKER Datasheet HTML 1Page - Texas Instruments 74ALVCH32245ZKER Datasheet HTML 2Page - Texas Instruments 74ALVCH32245ZKER Datasheet HTML 3Page - Texas Instruments 74ALVCH32245ZKER Datasheet HTML 4Page - Texas Instruments 74ALVCH32245ZKER Datasheet HTML 5Page - Texas Instruments 74ALVCH32245ZKER Datasheet HTML 6Page - Texas Instruments 74ALVCH32245ZKER Datasheet HTML 7Page - Texas Instruments 74ALVCH32245ZKER Datasheet HTML 8Page - Texas Instruments 74ALVCH32245ZKER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
VM
VM
VM
VM
VM
VM
VM
VOH
VOL
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
Open
GND
RL
RL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + V
VOH − V
0 V
VI
0 V
0 V
tw
VI
VI
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
0 V
VI
VM
tPHL
VM
VM
VI
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VM
VM
tPLH
VLOAD
VLOAD/2
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2.7 V
3.3 V
± 0.3 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
2.7 V
2.7 V
VI
VCC/2
VCC/2
1.5 V
1.5 V
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUT
SN74ALVCH32245
32-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES282D – OCTOBER 1999 – REVISED SEPTEMBER 2004
Figure 1. Load Circuit and Voltage Waveforms
5


Similar Part No. - 74ALVCH32245ZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH32245 TI-74ALVCH32245 Datasheet
123Kb / 8P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
74ALVCH32245 STMICROELECTRONICS-74ALVCH32245 Datasheet
207Kb / 9P
   LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS
logo
Integrated Device Techn...
74ALVCH32245BF IDT-74ALVCH32245BF Datasheet
103Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74ALVCH32245BF RENESAS-74ALVCH32245BF Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
74ALVCH32245BF8 IDT-74ALVCH32245BF8 Datasheet
103Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results

Similar Description - 74ALVCH32245ZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ32245A TI-SN74LVCZ32245A Datasheet
295Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC32245 TI-SN74LVC32245 Datasheet
264Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32245 TI-SN74ALVCH32245 Datasheet
123Kb / 8P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH32245A TI-SN74LVCH32245A Datasheet
132Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR32245A TI-SN74LVCHR32245A Datasheet
251Kb / 11P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR32245A TI-SN74LVCR32245A Datasheet
276Kb / 10P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC32245 TI-SN74AUC32245 Datasheet
389Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH32245 IDT-IDT74ALVCH32245 Datasheet
126Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com