Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1470359-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 4-1470359-2
Description  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1470359-2 Datasheet(HTML) 3 Page - Tyco Electronics

  4-1470359-2 Datasheet HTML 1Page - Tyco Electronics 4-1470359-2 Datasheet HTML 2Page - Tyco Electronics 4-1470359-2 Datasheet HTML 3Page - Tyco Electronics 4-1470359-2 Datasheet HTML 4Page - Tyco Electronics 4-1470359-2 Datasheet HTML 5Page - Tyco Electronics 4-1470359-2 Datasheet HTML 6Page - Tyco Electronics 4-1470359-2 Datasheet HTML 7Page - Tyco Electronics 4-1470359-2 Datasheet HTML 8Page - Tyco Electronics 4-1470359-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
0.5 mm, FPC/FFC
Connector, ZIF, Vertical,
SMT, Type A
Part Number
1470731
Lead Free
1734742
Material and Finish
Housing — High temperature thermo-
plastic, UL 94V-O, brown color
Actuator — High temperature thermo-
plastic, UL 94V-O, natural color
Contacts — Phosphor bronze
Board Mounts — Brass
Technical Documents
Product Specification — 108-57324
Recommended FFC Layout
Recommended FPC Layout
(No. of Pin + 1)
0.50
[.020]
0.50
[.020]
0.35
[.014]
0.50
[.020]
4.00
[.157]
6.00
[.236]
Supporting
Tape
0.30
[.012]
(No. of Pin + 1)
0.50
[.020]
0.50
[.020]
0.30
[.012]
0.50
[.020]
4.00
[.157]
6.00
[.236]
Supporting
Tape
0.30
[.012]
Part Number
No. of Contacts
Dimension
A
BCD
1-1470731-6
16
7.50
8.65
12.90
13.70
.295
.341
.508
.539
1-1470731-8
18
8.50
9.65
13.90
14.70
.335
.380
.547
.579
2-1470731-0
20
9.50
10.65
14.90
15.70
.374
.419
.587
.618
2-1470731-4
24
11.50
12.65
16.90
17.70
.453
.498
.665
.697
3-1470731-0
30
14.50
15.65
19.90
20.70
.571
.616
.783
.815
4-1470731-0
40
19.50
20.65
25.90
25.70
.768
.813
1.020
1.012
Actuator
Typ.
Board Mount
2 Plcs.
D
B
0.30
[.012]
C
0.20
[.008]
0.25
[.010]
0.50
[.020]
A
1.00
[.039]
3.30
[.130]
2.50
[.098]
5.30
[.209]
4.15
[.163]
3.80
[.150]
4.00
[.157]
Typ.
Typ.
2 Plcs.
2.90
[.114]
1.60
[.059]
A
1.00
[.039]
0.50
[.020]
0.40
[.016]
Typ.
Typ.
1.00
[.039]
1.40
[.055]
Pin 1
Recommended PCB Layout


Similar Part No. - 4-1470359-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1470359-2 MACOM-4-1470359-2 Datasheet
643Kb / 32P
   FPC Connector Family
4-1470359-2 MACOM-4-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
More results

Similar Description - 4-1470359-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com