Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2064781-6 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # 2064781-6
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2064781-6 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button 2064781-6 Datasheet HTML 18Page - List of Unclassifed Manufacturers 2064781-6 Datasheet HTML 19Page - List of Unclassifed Manufacturers 2064781-6 Datasheet HTML 20Page - List of Unclassifed Manufacturers 2064781-6 Datasheet HTML 21Page - List of Unclassifed Manufacturers 2064781-6 Datasheet HTML 22Page - List of Unclassifed Manufacturers 2064781-6 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2064781-6 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2064781-6 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2064781-6 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
22
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
LIGHTRAY MPX Backplane Solutions (Continued)
Mini Trunk Assemblies
Trunk Assemblies
Fanout Assemblies
Product Facts
I
Multimode 62.5/125 µm and
50/125 µm
I
Singlemode 9 µm, 8° angle
interface
I
250 µm bare ribbon and
LSZH (Low Smoke Zero
Halogen) sheathed ribbon
cable available
I
Female LIGHTRAY MPX
connectors (without guide
pins)
I
4, 8, 12, 16 and 24 fibers
I
Custom lengths available
I
Connector labeling to guide
insertion
Product Facts
I
Multimode 62.5/125 µm and
50/125 µm
I
Singlemode 9 µm, 8° angle
interface
I
Available with female
LIGHTRAY MPX connectors
(without guide pins) and/or
male LIGHTRAY MPX
connectors (with guide pins)
I
LC, SC, ST, FC or MT-RJ
terminations available for
hybrid configurations
I
4, 8 and 12 position ribbon
fiber sub-units
I
LSZH (Low Smoke Zero
Halogen) sheathed cable
(round construction)
I
Internal/external cable
I
Custom lengths available
Product Facts
I
Multimode 62.5/125 µm and
50/125 µm
I
Singlemode 9 µm, 8° angle
interface
I
Color coded buffered fiber
or LSZH (Low Smoke Zero
Halogen) sheathed cable
with breakout kit
I
Male LIGHTRAY MPX
connectors (with guide pins)
I
4, 8, 12, 16 and 24 fibers
I
Custom lengths available
I
Connector labeling to guide
insertion
I
LC, SC, ST, FC or MT-RJ
terminations available


Similar Part No. - 2064781-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2064710-1 TEC-2064710-1 Datasheet
221Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2064710-1 TEC-2064710-1 Datasheet
219Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
2064710-1 MACOM-2064710-1 Datasheet
98Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION.
More results

Similar Description - 2064781-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com