Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MXA-24S Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part No. CM35MXA-24S
Description  Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

CM35MXA-24S Datasheet(HTML) 3 Page - Powerex Power Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CM35MXA-24S
NX-Series CIB Module
(3Ø Converter + 3Ø Inverter + Brake)
35 Amperes/1200 Volts
3
03/13 Rev. 3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Absolute Maximum Ratings,
Tj = 25°C unless otherwise specified
Converter Part ConvDi
Characteristics
Symbol
Rating
Units
Repetitive Peak Reverse Voltage (VGE = 0V)
VRRM
1600
Volts
Recommended AC Input Voltage (RMS)
Ea
480
Volts
DC Output Current (3-Phase Full Wave Rectifying, TC = 125°C)*4
IO
35
Amperes
Surge Forward Current (Sine Half Wave 1 Cycle Peak Value, f = 60Hz, Non-repetative)
IFSM
350
Amperes
Current Square Time (Value for One Cycle of Surge Current)
I2t
510
A2s
Maximum Junction Temperature, Instantaneous Event (Overload)
Tj(max)
150
°C
Module
Characteristics
Symbol
Rating
Units
Isolation Voltage (Terminals to Baseplate, RMS, f = 60Hz, AC 1 minute)
VISO
2500
Volts
Maximum Case Temperature*4
TC(max)
125
°C
Operating Junction Temperature, Continuous Operation (Under Switching)
Tj(op)
-40 to +150
°C
Storage Temperature
Tstg
-40 to +125
°C
*4 Case temperature (TC) and heatsink temperature (Ts) is measured on the surface
(mounting side) of the baseplate and the heatsink side just under the chips.
Refer to the figure to the right for chip location.
The heatsink thermal resistance should be measured just under the chips.
1
2
3 4 5
6
7 8
9 10 11 12 13 14 15 16 17 18 19 20 21 22
53
54
55
56
57
58
59
60
61
30
29
28
27
26
25
24
23
52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31
0
0
19.6
22.0
20.4
30.3
31.3
43.9
44.9
18.4
LABEL SIDE
Each mark points to the center position of each chip.
Tr*P / Tr*N / TrBr (* = U/V/W): IGBT
Di*P / Di*N (* = U/V/W): FWDi
DiBr: Clamp Di
CR*P / CR*N (* = R/S/T): Conv Di
Th: NTC Thermistor
24.9
26.2 25.8
34.2
40.8
43.8
Tr
Br
Di
Br
Di
UN
Di
VN
Di
VP
Tr
VP
Di
UP
Tr
UP
Di
WN
Tr
UN
Tr
VN
Tr
WN
Tr
WP
Th
CR
RN
CR
SN
CR
TN
CR
RP
CR
SP
CR
TP
Di
WP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn