Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM35MXA-24S Datasheet(PDF) 13 Page - Powerex Power Semiconductors

Part # CM35MXA-24S
Description  Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM35MXA-24S Datasheet(HTML) 13 Page - Powerex Power Semiconductors

Back Button CM35MXA-24S_13 Datasheet HTML 7Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 8Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 9Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 10Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 11Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 12Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 13Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 14Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 15Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CM35MXA-24S
NX-Series CIB Module
(3Ø Converter + 3Ø Inverter + Brake)
35 Amperes/1200 Volts
13
03/13 Rev. 3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
EXTERNAL GATE RESISTANCE, R
G, (Ω)
103
101
102
102
101
SWITCHING TIME VS.
GATE RESISTANCE
(BRAKE - TYPICAL)
103
EXTERNAL GATE RESISTANCE, R
G, (Ω)
103
101
102
102
101
SWITCHING TIME VS.
GATE RESISTANCE
(BRAKE - TYPICAL)
103
COLLECTOR CURRENT, I
C, (AMPERES)
FORWARD CURRENT, I
F, (AMPERES)
102
101
100
101
100
10-1
101
100
10-1
10-2
102
HALF-BRIDGE SWITCHING
CHARACTERISTICS
(BRAKE PART - TYPICAL)
COLLECTOR CURRENT, I
C, (AMPERES)
103
100
101
102
100
101
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(BRAKE PART - TYPICAL)
102
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
IC = 50A
Tj = 150°C
Inductive Load
tf
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
IC = 35A
Tj = 125°C
Inductive Load
tf
VCC = 600V
VGE = ±15V
RG = 18
Tj = 125°C
Inductive
Load
Eon
Eoff
Err
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 18
Tj = 150°C
Inductive Load
tf


Similar Part No. - CM35MXA-24S_13

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MXA-24S MITSUBISHI-CM35MXA-24S Datasheet
663Kb / 14P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM35MXA-24S_13

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM50MXA-24S POWEREX-CM50MXA-24S Datasheet
1Mb / 15P
   Low Drive Power Discrete Super-Fast Recovery Free-Wheel Diode
logo
MAKO SEMICONDUCTOR CO.,...
2SB1188 MAKOSEMI-2SB1188 Datasheet
147Kb / 2P
   Low VCE(sat).
logo
IXYS Corporation
IXGH28N60BD1 IXYS-IXGH28N60BD1 Datasheet
57Kb / 2P
   Low VCE(sat) IGBT with Diode
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
Nanjing International G...
2SD2098 DGNJDZ-2SD2098 Datasheet
451Kb / 3P
   Low VCE(sat) Transistor
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
   Low VCE(sat) Transistor
T3036 KEXIN-T3036 Datasheet
42Kb / 1P
   Low VCE(sat) Transistor
logo
Galaxy Semi-Conductor H...
2SD2098 BILIN-2SD2098 Datasheet
168Kb / 3P
   Low VCE(sat) Transistor
logo
Unisonic Technologies
2SB1424 UTC-2SB1424 Datasheet
150Kb / 2P
   LOW VCE(SAT) TRANSISTOR
logo
Guangdong Kexin Industr...
2SD2118 KEXIN-2SD2118 Datasheet
40Kb / 1P
   Low VCE(sat) Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com