Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MXA-24S Datasheet(PDF) 11 Page - Powerex Power Semiconductors

Part No. CM35MXA-24S
Description  Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

CM35MXA-24S Datasheet(HTML) 11 Page - Powerex Power Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CM35MXA-24S
NX-Series CIB Module
(3Ø Converter + 3Ø Inverter + Brake)
35 Amperes/1200 Volts
11
03/13 Rev. 3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
GATE RESISTANCE, R
G, (Ω)
102
101
102
101
100
103
HALF-BRIDGE SWITCHING
CHARACTERISTICS
(INVERTER PART - TYPICAL)
COLLECTOR CURRENT, I
C, (AMPERES)
EMITTER CURRENT, I
E, (AMPERES)
100
101
102
HALF-BRIDGE SWITCHING
CHARACTERISTICS
(INVERTER PART - TYPICAL)
COLLECTOR CURRENT, I
C, (AMPERES)
EMITTER CURRENT, I
E, (AMPERES)
100
101
102
HALF-BRIDGE SWITCHING
CHARACTERISTICS
(INVERTER PART - TYPICAL)
GATE RESISTANCE, R
G, (Ω)
102
101
102
101
100
103
HALF-BRIDGE SWITCHING
CHARACTERISTICS
(INVERTER PART - TYPICAL)
102
100
10-1
101
100
10-2
102
101
101
100
10-1
101
100
10-1
10-1
10-2
VCC = 600V
VGE = ±15V
IC = 35A
Tj = 150°C
Inductive Load
VCC = 600V
VGE = ±15V
RG = 18
Tj = 150°C
Inductive
Load
Eon
Eoff
Err
Eon
Eoff
Err
VCC = 600V
VGE = ±15V
RG = 18
Tj = 125°C
Inductive
Load
Eon
Eoff
Err
VCC = 600V
VGE = ±15V
IC = 35A
Tj = 125°C
Inductive Load
Eon
Eoff
Err


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn