Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MXA-24S Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part No. CM35MXA-24S
Description  Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM35MXA-24S Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM35MXA-24S_13 Datasheet HTML 1Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 2Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 3Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 4Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 5Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 6Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 7Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 8Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 9Page - Powerex Power Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NX-Series CIB Module
(3Ø Converter + 3Ø Inverter + Brake)
35 Amperes/1200 Volts
CM35MXA-24S
1
03/13 Rev. 3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
Description:
CIBs are low profile and thermally
efficient. Each module consists of
a three-phase diode converter sec-
tion, a three-phase inverter section
and a brake circuit. A thermistor is
included in the package for sens-
ing the baseplate temperature. 6th
Generation CSTBT chips yield low
loss.
Features:
£
Low Drive Power
£
Low VCE(sat)
£
Discrete Super-Fast Recovery
Free-Wheel Diode
£
Isolated Baseplate for Easy
Heat Sinking
Applications:
£
AC Motor Control
£
Motion/Servo Control
£
Photovoltaic/Fuel Cell
Ordering Information:
Example: Select the complete
module number you desire from
the table below -i.e.
CM35MXA-24S is a 1200V (VCES),
35 Ampere CIB Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 50)
CM
35
24
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.79
121.7
B
2.44
62.0
C
0.51
13.0
D
4.49
114.05
E
4.33±0.02
110.0±0.5
F
3.89
99.0
G
3.72
94.5
H
0.16
4.06
J
0.51
13.09
K
0.15
3.81
L
0.45
11.43
M
0.9
22.86
N
0.22 Dia.
5.5 Dia.
P
2.13
54.2
Q
1.53
39.0
R
1.97±0.02
50.0±0.5
S
2.26
57.5
T
0.30
7.75
U
0.102 Dia.
2.6 Dia.
Dimensions
Inches
Millimeters
V
0.088 Dia.
2.25 Dia.
W
0.46
11.66
X
0.16
4.2
Y
0.59
15.0
Z
0.27
7.0
AA
0.81
20.5
AB
0.67
17.0
AC
0.12
3.0
AD
0.14
3.5
AE
0.03
0.8
AF
0.15
3.75
AG
0.05
1.15
AH
0.025
0.65
AJ
0.29
7.4
AK
0.05
1.2
AL
0.49
12.5
AM
0.12
3.0
AN
0.17 Dia.
4.3 Dia.
P1(48-49)
T
(9-10)
P(54-56)
N(59-61)
ConvDi
S
(5-6)
R
(1-2)
GWN(31)
E(32)
GWP(23)
GVN(33)
GVP(18)
FWDi
GUN(40)
E*(39)
GUP(13)
ClampDi
U(14-15)
B(52-53)
V(19-20)
W(24-25)
GB(41)
N1(44-45)
TH1
(29)
TH2
(28)
NTC
Caution: Each (two or three) pin terminal of P/N/P1/N1/U/V/W/B/R/S/T is connected in the module,
however, all three pins should be used for external wiring.
DETAIL "B"
A
AA
J
P
D
E
F
K
KM
K
K
K
G
K
K
LL
L
H
AG
K
AH
AK
AJ
Z
C
AB
R
B
AL
Y
K
K
L
N (4 PLACES)
AC
K
K
K
K
K
K
K
T
AD
W
X
L
K
K
K
K
LL
LL
AE
AF
V
AM
U
AN
K
Q
S
DETAIL "B"
DETAIL "A"
DETAIL "A"
12
34 56
78
910111213141516171819202122
53
54
55
56
57
58
59
60
61
30
29
28
27
26
25
24
23
52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31
Tolerance Otherwise Specified (mm)
The tolerance of size between
terminals is assumed to ±0.4
Division of Dimension Tolerance
0.5 to
3
±0.2
over
3
to
6
±0.3
over
6
to 30
±0.5
over
30
to 120
±0.8
over 120
to 400
±1.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn