Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MXA-24S Datasheet(PDF) 9 Page - Powerex Power Semiconductors

Part No. CM35MXA-24S
Description  Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM35MXA-24S Datasheet(HTML) 9 Page - Powerex Power Semiconductors

Back Button CM35MXA-24S_13 Datasheet HTML 5Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 6Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 7Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 8Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 9Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 10Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 11Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 12Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 13Page - Powerex Power Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CM35MXA-24S
NX-Series CIB Module
(3Ø Converter + 3Ø Inverter + Brake)
35 Amperes/1200 Volts
9
03/13 Rev. 3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
CAPACITANCE VS. VCE
(INVERTER PART - TYPICAL)
100
102
101
100
10-1
10-2
101
10-1
COLLECTOR CURRENT, I
C, (AMPERES)
103
100
101
102
100
101
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(INVERTER PART - TYPICAL)
102
COLLECTOR CURRENT, I
C, (AMPERES)
103
100
101
102
100
101
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(INVERTER PART - TYPICAL)
102
EXTERNAL GATE RESISTANCE, R
G, (Ω)
103
101
102
102
101
SWITCHING TIME VS.
GATE RESISTANCE
(INVERTER PART - TYPICAL)
103
VGE = 0V
Cies
Coes
Cres
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 18
Tj = 150°C
Inductive Load
tf
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 18
Tj = 125°C
Inductive Load
tf
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
IC = 35A
Tj = 125°C
Inductive Load
tf


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn