Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MXA-24S Datasheet(PDF) 7 Page - Powerex Power Semiconductors

Part No. CM35MXA-24S
Description  Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

CM35MXA-24S Datasheet(HTML) 7 Page - Powerex Power Semiconductors

Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CM35MXA-24S
NX-Series CIB Module
(3Ø Converter + 3Ø Inverter + Brake)
35 Amperes/1200 Volts
7
03/13 Rev. 3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
MechanicalCharacteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Mounting Torque
Ms
Mounting to Heatsink, M5 Screw
22
27
31
in-lb
Creepage Distance
ds
Terminal to Terminal
6.47
mm
Terminal to Baseplate
14.27
mm
Clearance
da
Terminal to Terminal
6.47
mm
Terminal to Baseplate
12.33
mm
Weight
m
300
g
Flatness of Baseplate
ec
On Centerline X, Y*5
±0
±100
µm
Recommended Operating Conditons,
Ta = 25°C
DC Supply Voltage
VCC
Applied Across P-N/P1-N1 Terminals
600
850
Volts
Gate-Emitter Drive Voltage
VGE(on)
Applied Across GB-Es/
13.5
15.0
16.5
Volts
G*P-*P/G*N-Es (* = U, V, W) Terminals
External Gate Resistance
RG
Per Switch Inverter IGBT
18
180
Per Switch Brake IGBT
18
180
*5 Baseplate (mounting side) flatness measurement points (X, Y) are shown in the figure below.
– : CONCAVE
X
Y
+ : CONVEX
MOUNTING
SIDE
MOUNTING SIDE
MOUNTING SIDE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn