Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM35MXA-24S Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part No. CM35MXA-24S
Description  Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM35MXA-24S Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CM35MXA-24S_13 Datasheet HTML 1Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 2Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 3Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 4Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 5Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 6Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 7Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 8Page - Powerex Power Semiconductors CM35MXA-24S_13 Datasheet HTML 9Page - Powerex Power Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CM35MXA-24S
NX-Series CIB Module
(3Ø Converter + 3Ø Inverter + Brake)
35 Amperes/1200 Volts
5
03/13 Rev. 3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Electrical Characteristics,
Tj = 25°C unless otherwise specified
Brake Part IGBT/ClampDi
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Emitter Cutoff Current
ICES
VCE = VCES, VGE = 0V
1.0
mA
Gate-Emitter Leakage Current
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 3.5mA, VCE = 10V
5.4
6.0
6.6
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 35A, VGE = 15V, Tj = 25°C*6
1.80
2.25
Volts
(Terminal)
IC = 35A, VGE = 15V, Tj = 125°C*6
2.00
Volts
IC = 35A, VGE = 15V, Tj = 150°C*6
2.05
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 35A, VGE = 15V, Tj = 25°C*6
1.70
2.15
Volts
(Chip)
IC = 35A, VGE = 15V, Tj = 125°C*6
1.90
Volts
IC = 35A, VGE = 15V, Tj = 150°C*6
1.95
Volts
Input Capacitance
Cies
3.5
nF
Output Capacitance
Coes
VCE = 10V, VGE = 0V
0.7
nF
Reverse Transfer Capacitance
Cres
0.06
nF
Gate Charge
QG
VCC = 600V, IC = 35A, VGE = 15V
82
nC
Turn-on Delay Time
td(on)
300
ns
Rise Time
tr
VCC = 600V, IC = 35A, VGE = ±15V,
200
ns
Turn-off Delay Time
td(off)
RG = 18Ω, Inductive Load
600
ns
Fall Time
tf
300
ns
Forward Voltage
VF
IE = 35A, VGE = 0V, Tj = 25°C*6
1.80
2.25
Volts
(Terminal)
IE = 35A, VGE = 0V, Tj = 125°C*6
1.80
Volts
IE = 35A, VGE = 0V, Tj = 150°C*6
1.80
Volts
Forward Voltage
VF
IE = 35A, VGE = 0V, Tj = 25°C*6
1.70
2.15
Volts
(Chip)
IE = 35A, VGE = 0V, Tj = 125°C*6
1.70
Volts
IE = 35A, VGE = 0V, Tj = 150°C*6
1.70
Volts
Reverse Recovery Time
trr
VCC = 600V, IE = 35A, VGE = ±15V
300
ns
Reverse Recovery Charge
Qrr
RG = 18Ω, Inductive Load
1.9
µC
Turn-on Switching Energy per Pulse
Eon
VCC = 600V, IC = IE = 35A,
4.2
mJ
Turn-off Switching Energy per Pulse
Eoff
VGE = ±15V, RG = 18Ω,
3.7
mJ
Reverse Recovery Energy per Pulse
Err
Tj = 150°C, Inductive Load
3.5
mJ
Internal Gate Resistance
rg
0
*6 Pulse width and repetition rate should be such as to cause negligible temperature rise.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn