Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK09911C Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK09911C
Description  3-axis magnetometer device suitable for compass application
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK09911C Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK09911C Datasheet HTML 1Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Small, next generation of AK8963C
3-axis magnetometer device suitable for
compass application
Built-in A to D Converter for magnetometer
data out
14-bit data out for each 3 axis magnetic
components
Operation modes:
Power-down, Single measurement,
Continuous measurement, Self test and Fuse
ROM access.
DRDY function for measurement data ready
Magnetic sensor overflow monitor function
Built-in oscillator for internal clock source
Power on Reset circuit
Self test function with built-in internal
magnetic source
Product Brief ~3-axis E-compass~
VDD
VID
MUX
Sensor
Drive
FUSE
ROM
Self
test
Serial I/F
+
Data Reg.
&
Timer,
Sequencer
Integrator
& ADC
Amp.
3-axis
Hall sensor
I2C
Operating temperature
-30°C to +85°C
Supply voltage
VDD: +2.4V to +3.6V
VID: +1.65V to VDD
Current consumption
Stand-by
3uA
Average@100Hz 2.4mA
Sensitivity
0.6uT/LSB
Measurement range
+/- 4900uT
Serial interface
I2C bus
Package
8pin WL-CSP (BGA)
1.2 x 1.2 x 0.5mm
AK09911C
2013/OCT.


Similar Part No. - AK09911C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09911 AKM-AK09911 Datasheet
660Kb / 35P
   3-axis Electronic Compass
More results

Similar Description - AK09911C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK09912C AKM-AK09912C Datasheet
105Kb / 1P
   3-axis magnetometer device suitable for compass application
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK09916C AKM-AK09916C Datasheet
794Kb / 29P
   3-axis Electronic Compass
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
logo
Asahi Kasei Microsystem...
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8963 AKM-AK8963 Datasheet
300Kb / 18P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com