Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABTH182652APMG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74ABTH182652APMG4
Description  SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ABTH182652APMG4 Datasheet(HTML) 3 Page - Texas Instruments

  74ABTH182652APMG4 Datasheet HTML 1Page - Texas Instruments 74ABTH182652APMG4 Datasheet HTML 2Page - Texas Instruments 74ABTH182652APMG4 Datasheet HTML 3Page - Texas Instruments 74ABTH182652APMG4 Datasheet HTML 4Page - Texas Instruments 74ABTH182652APMG4 Datasheet HTML 5Page - Texas Instruments 74ABTH182652APMG4 Datasheet HTML 6Page - Texas Instruments 74ABTH182652APMG4 Datasheet HTML 7Page - Texas Instruments 74ABTH182652APMG4 Datasheet HTML 8Page - Texas Instruments 74ABTH182652APMG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
SN54ABTH18652A, SN54ABTH182652A, SN74ABTH18652A, SN74ABTH182652A
SCAN TEST DEVICES WITH
18BIT BUS TRANSCEIVERS AND REGISTERS
SCBS167D − AUGUST 1993 − REVISED JULY 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description (continued)
In the test mode, the normal operation of the SCOPE
 bus transceivers and registers is inhibited, and the test
circuitry is enabled to observe and control the I/O boundary of the device. When enabled, the test circuitry
performs boundary-scan test operations according to the protocol described in IEEE Standard 1149.1-1990.
Four dedicated test pins observe and control the operation of the test circuitry: test data input (TDI), test data
output (TDO), test mode select (TMS), and test clock (TCK). Additionally, the test circuitry performs other testing
functions such as parallel-signature analysis (PSA) on data inputs and pseudo-random pattern generation
(PRPG) from data outputs. All testing and scan operations are synchronized to the TAP interface.
Improved scan efficiency is accomplished through the adoption of a one boundary-scan cell (BSC) per I/O pin
architecture. This architecture is implemented in such a way as to capture the most pertinent test data. A
PSA/COUNT instruction is also included to ease the testing of memories and other circuits where a binary count
addressing scheme is useful.
Active bus-hold circuitry holds unused or floating data inputs at a valid logic level.
The B-port outputs of ’ABTH182652A, which are designed to source or sink up to 12 mA, include 25-
Ω series
resistors to reduce overshoot and undershoot.
The SN54ABTH18652A and SN54ABTH182652A are characterized for operation over the full military
temperature range of −55
°C to 125°C. The SN74ABTH18652A and SN74ABTH182652A are characterized for
operation from − 40
°C to 85°C.
FUNCTION TABLE
(normal mode, each 9-bit section)
INPUTS
DATA I/O
OPERATION OR FUNCTION
OEAB
OEBA
CLKAB
CLKBA
SAB
SBA
A1 − A9
B1 − B9
OPERATION OR FUNCTION
L
H
L
L
X
X
Input disabled
Input disabled
Isolation
L
H
↑↑
X
X
Input
Input
Store A and B data
X
H
L
X
X
Input
Unspecified†
Store A, hold B
H
H
↑↑
X‡
X
Input
Output
Store A in both registers
L
XL
X
X
Unspecified†
Input
Hold A, store B
L
L
↑↑
XX‡
Output
Input
Store B in both registers
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
X
X
H
Output
Input
Stored B data to A bus
H
H
X
X
L
X
Input
Output
Real-time A data to B bus
H
H
X
X
H
X
Input
Output
Stored A data to B bus
H
L
X
X
H
H
Output
Output
Stored A data to B bus and
stored B data to A bus
† The data-output functions can be enabled or disabled by a variety of level combinations at OEAB or OEBA. Data-input functions are always
enabled; i.e., data at the bus pins is stored on every low-to-high transition on the clock inputs.
‡ Select control = L: clocks can occur simultaneously.
Select control = H: clocks must be staggered to load both registers.


Similar Part No. - 74ABTH182652APMG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ABTH182502APMG4 TI-74ABTH182502APMG4 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - 74ABTH182652APMG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABTH18646A TI-SN54ABTH18646A Datasheet
559Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT8652 TI-SN54ABT8652_07 Datasheet
682Kb / 33P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI1-SN54ABT8652_16 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI-SN54ABT8652 Datasheet
366Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com