Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2611 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2611
Description  High CMR Line Receiver Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2611 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2611 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Figure 10. Test circuit for t
EHL and tELH.
Figure 11. Typical enable propagation delay
vs. temperature.
Figure 7. Typical propagation delay vs.
temperature.
Figure 8. Typical propagation delay vs. pulse
input current.
Figure 9. Typical pulse width distortion vs.
temperature.
Figure 6. Test circuit for t
PHL and tPLH.
OUTPUT V
MONITORING
NODE
O
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z
= 50
t = t = 5 ns
O
f
I I
L
R
RM
CC
V
0.1µF
BYPASS
*CL
*CL IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
GND
INPUT
MONITORING
NODE
r
1.5 V
tPHL
tPLH
I I
INPUT
O
V
OUTPUT
I
= 7.50 mA
I
I
= 3.75 mA
I
VCC = 5 V
II = 7.5 mA
100
80
-60
-20
20
60
100
TA – TEMPERATURE – °C
60
80
40
0
-40
0
40
20
tPLH , RL = 4 KΩ
tPLH , RL = 1 KΩ
tPLH , RL = 350 Ω
tPHL , RL = 350 Ω
1 K
4 K
VCC = 5 V
TA = 25°C
105
90
59
13
II – PULSE INPUT CURRENT – mA
75
15
11
7
30
60
45
tPLH , RL = 4 KΩ
tPLH , RL = 1 KΩ
tPLH , RL = 350 Ω
tPHL , RL = 350 Ω
1 K
4 K
VCC = 5 V
II = 7.5 mA
40
30
-20
20
60
100
TA – TEMPERATURE – °C
20
80
40
0
-40
10
RL = 350 kΩ
RL = 1 kΩ
RL = 4 kΩ
0
-60
-10
OUTPUT V
MONITORING
NODE
O
1.5 V
tEHL
tELH
VE
INPUT
O
V
OUTPUT
3.0 V
1.5 V
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z
= 50
t = t = 5 ns
O
f
I I
L
R
CC
V
0.1 µF
BYPASS
*CL
*CL IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
GND
r
7.5 mA
INPUT VE
MONITORING NODE
-60
0
TA – TEMPERATURE – °C
100
90
120
-20
30
20
60
-40
0
40
80
60
VCC = 5 V
VEH = 3 V
VEL = 0 V
II = 7.5 mA
tELH, RL = 4 kΩ
tELH, RL = 1 kΩ
tEHL, RL = 350 Ω, 1 kΩ, 4 kΩ
tELH, RL = 350 Ω


Similar Part No. - HCPL-2611

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2611 QT-HCPL-2611 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2611 HP-HCPL-2611 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Similar Description - HCPL-2611

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com