Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2611 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2611
Description  High CMR Line Receiver Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2611 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2611 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2611 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Electrical Characteristics
Over recommended temperature (TA = 0°C to +70°C) unless otherwise specified. See note 1.
Parameter
Sym.
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
High Level Output
IOH
5.5
100
µAV
CC = 5.5 V, VO = 5.5 V,
1
Current
II = 250 µA, VE = 2.0 V
Low Level Output
VOL
0.35
0.6
V
VCC = 5.5 V, II = 5 mA,
2, 4,
Voltage
VE = 2.0 V,
5, 14
IOL (Sinking) = 13 mA
High Level Supply
ICCH
7.5
10
mA
VCC = 5.5 V, II = 0 mA,
Current
VE = 0.5 V
Low Level Supply
ICCL
10
13
mA
VCC = 5.5 V, II = 60 mA,
Current
VE = 0.5 V
High Level Enable
IEH
-0.7
-1.6
mA
VCC = 5.5 V, VE = 2.0 V
Current
Low Level Enable
IEL
-0.9
-1.6
mA
VCC = 5.5 V, VE = 0.5 V
Current
High Level Enable
VEH
2.0
V
10
Voltage
Low Level Enable
VEL
0.8
V
Voltage
2.0
2.4
II = 5 mA
Input Voltage
VI
V3
2.3
2.7
II = 60 mA
Input Reverse
VR
0.75
0.95
V
IR = 5 mA
Voltage
Input Capacitance
CIN
90
pF
VI = 0 V, f = 1 MHz
*All typicals at VCC = 5 V, TA = 25°C.


Similar Part No. - HCPL-2611

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2611 QT-HCPL-2611 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2611 HP-HCPL-2611 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Similar Description - HCPL-2611

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com