Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N137 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # 6N137
Description  High CMR Line Receiver Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N137 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N137 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Switching Specifications
Over recommended temperature (T
A = 0°C to +70°C), VCC = 5 V, II = 7.5 mA, unless otherwise specified.
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
75
ns
TA = 25°C
Time to High Output
tPLH
20
48
6, 7, 8
3
Level
100
ns
Propagation Delay
75
ns
TA = 25°C
Time to Low Output
tPHL
25
50
6, 7, 8
4
Level
100
ns
RL = 350 Ω
Pulse Width
|tPHL-tPLH|
3.5
35
ns
CL = 15 pF
9
13
Distortion
Propagation Delay
tPSK
40
ns
12,
Skew
13
Output Rise Time
tr
24
ns
12
(10-90%)
Output Fall Time
tf
10
ns
12
(90-10%)
Propagation Delay
tELH
30
ns
RL = 350 Ω, CL = 15 pF,
Time of Enable from
VEL = 0 V, VEH = 3 V
10, 11
5
VEH to VEL
Propagation Delay
tEHL
20
ns
RL = 350 Ω, CL = 15 pF,
Time of Enable from
VEL = 0 V, VEH = 3 V
10, 11
6
VEL to VEH
Common Mode
HCPL-2602
1000
10,000
VCM = 50 V
VO(MIN) = 2 V,
Transient
|CMH|V/µsRL = 350 Ω,13
7, 9,
Immunity at High
HCPL-2612
3500
15,000
VCM = 300 V
II = 0 mA,
10
Output Level
TA = 25°C
Common Mode
HCPL-2602
1000
10,000
VCM = 50 V
VO(MAX) = 0.8 V,
Transient
|CML|V/µsRL = 350 Ω,13
8, 9
Immunity at Low
HCPL-2612
3500
15,000
VCM = 300 V
II = 7.5 mA,
10
Output Level
TA = 25°C
*All typicals at V
CC = 5 V, TA = 25°C.
Package Characteristics
All Typicals at TA = 25°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
3750
V rms
RH
≤ 50%, t = 1 min.,
2, 11
Withstand Voltage*
TA = 25°C
Input-Output Resistance
RI-O
1012
VI-O = 500 Vdc
2
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz
2
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equipment level
safety specification or Avago Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”


Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
6N137 TOSHIBA-6N137 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
More results

Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com