Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

640430 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 640430
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640430 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 640430 Datasheet HTML 7Page - Tyco Electronics 640430 Datasheet HTML 8Page - Tyco Electronics 640430 Datasheet HTML 9Page - Tyco Electronics 640430 Datasheet HTML 10Page - Tyco Electronics 640430 Datasheet HTML 11Page - Tyco Electronics 640430 Datasheet HTML 12Page - Tyco Electronics 640430 Datasheet HTML 13Page - Tyco Electronics 640430 Datasheet HTML 14Page - Tyco Electronics 640430 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
11
Product Facts
I
Connectors and headers for
2 through 28 positions; wire
sizes of 22, 24, 26 and
28 AWG [0.4-0.08 mm2]
I
Wire-to-Post Connectors
preloaded with dual beam
contacts
I
Connectors and headers,
except shrouded headers,
are end-to-end stackable
I
Connector styles include
both closed end and feed-
thru connectors with locking
ramps, with and without
polarizing tabs
I
Molded ribs on housing do
not allow reverse mating
I
Posted connectors for 2
through 19 positions
I
Connectors preloaded with
IDC contacts
I
All contacts are slotted for
insulation displacement
(IDC) terminal technique
I
Contacts are lubricated for
fretting corrosion protection
I
Benefits derived from the
MTA-100 system include
increased quality and ease
of handling such as—
I
One-step assembly
I
No wire stripping
I
No contact damage
I
Reduced wiring errors
I
Simpler tooling
I
Simple maintenance and
repair
I
Meets the material require-
ments of Table 23.1 of
UL1410 Standards for
Television Receiver and
Video Products (wire-to-
post connectors only)
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR7189
R
R
Technical Documents
Product Specification
108-1050
MTA-100 Connectors
Application Specifications
114-1019
MTA-100 Connectors
114-1031
MTA-100 Ribbon Cable
Assembly
MTA-100 connectors
accept discrete and ribbon
cable wire sizes ranging
from 22 – 28 AWG [0.4 –
0.08 mm2] with maximum
insulation outside diameter
of .060 [1.52] for terminat-
ing single wire and .050
[1.27] for mass termination
of wires. Tin plated solid,
fused stranded, or stranded
(7 strands) wire with PVC
insulation can be used on
22 – 28 AWG [0.4 – 0.9 mm2]
MTA-100 connectors and
19 stranded wire on
22–24 AWG [0.4– 0.2 mm2]
MTA-100 connectors. Only
Performance Data*
Voltage Rating — 250 vac
Current Rating — 5 amp max.
Low-Level Resistance —
6 m
max. initial
Dielectric Withstanding Voltage —
750 vac/1 min.
Insulation Resistance —
5000 M
min. initial
Operating Temperature —
55 C to
105 C
Note: Refer to page 70 for approved
wire listings.
one wire to be terminated
into an IDC contact slot.
The wire-to-post connector
housing material is flame
retardant thermoplastic,
either UL94V-2 or UL94V-0
rated.
A full line of .100 [2.54]
centerline headers com-
pletes the system. Headers
are available with straight or
right-angle posts, in flat,
polarized or friction lock
styles. Headers are avail-
able in 2 through 28
positions. Shrouded headers
are available in 2 through
14 positions.
*Refer to the Product Specification
for additional electrical, mechanical
and environmental performance
tests and requirements.
.100 [2.54] Centerline MTA-100 IDC Connectors and Headers
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341


Similar Part No. - 640430

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640430 MACOM-640430 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640430-2 MACOM-640430-2 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640430-3 MACOM-640430-3 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640430-4 MACOM-640430-4 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640430-5 MACOM-640430-5 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
More results

Similar Description - 640430

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-640454-0 MACOM-2-640454-0 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
3-644043-4 MACOM-3-644043-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-644466-2 MACOM-3-644466-2 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-643818-4 MACOM-3-643818-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-641215-2 MACOM-3-641215-2 Datasheet
267Kb / 3P
   MTA, CST-100 II, MT-6 and SL Connectors and Headers
640255-1 MACOM-640255-1 Datasheet
577Kb / 1P
   MTA, CST and SL Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com