Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-1105301-2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 6-1105301-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6-1105301-2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 6-1105301-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6-1105301-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6-1105301-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6-1105301-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 6-1105301-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers 6-1105301-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers 6-1105301-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers 6-1105301-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers 6-1105301-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
8
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Serie
Series
Merkmale
Features
IP
Verriegelung
Locking
system
HB
Breite
Standard
Serie
wide
standard
series
65
VS
LB
ZB
HD
Hohe
Standard
Serie
High
standard
Series
65
VS
LB
ZB
HIP-K
Druckdicht
Korrosions-
geschützt
pressure
tight
Corrosion
protected
68
SV
EMV-K
Störspann-
ungssicher
Druckdicht
Korrosions-
geschützt
EMC Dense
and
pressure
tight
Corrosion
protected
68
SV
Serie
Series
Elektr.
Kennwerte
nach VDE
Last/Signal
Rating
according
VDE
Power/
signal
Polzahl
Poles
Verschmut-
zungsgrad
Degree of
pollution
Anschluss-
art
Type of ter-
minals
Weitere
Normen
Additional
standards
HSS.2
500V/63A
2
3
Crimp
DIN VDE
0627
EN 61984
HSK.2
1000V/40A
2
3
Crimp
DIN VDE
0627
EN 61984
HF
Störspann-
ungssicher
Druckdicht
EMC Dense
and
pressure
tight
Corrosion
protected
68
SV
Rahmen
Frame
HSK.3
690V/40A
3
3
Crimp
DIN VDE
0627
EN 61984
HE 5 SC
400V/16A
5
3
Spring
Clamp
DIN VDE
0627
EN 61984
VS = 2 Verschlussbüge /2 lever locking
LB = 1 Längsbügel/1 locking lever
ZB = 1 Zentralbügel/1 central locking
SV = 2 Schrauben/2 Screws
Kontakteinsätze/Contact Inserts
Gehäuse/Hoods
3
4
6
8
10
12
73–78
87–90
114–124
139–149
160–165
172–174
73–78
87–97
115–124
139–149
78–80
98–99
125–126
150–151
78–80
98–99
125–126
150–151
176
176
72 + 211
86 + 211
114 + 212
138 + 212
Seite
Page
204
204
205
205
Seite
Page
Seite
Page
Seite
Page
Seite
Page
Seite
Page
Seite
Page
Baugröße
Size


Similar Part No. - 6-1105301-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6-1105653-8 TEC-6-1105653-8 Datasheet
275Kb / 1P
   ECR-17-006155
More results

Similar Description - 6-1105301-2

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com