Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6123978-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 6123978-1
Description  2-Piece Power Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6123978-1 Datasheet(HTML) 3 Page - Tyco Electronics

  6123978-1 Datasheet HTML 1Page - Tyco Electronics 6123978-1 Datasheet HTML 2Page - Tyco Electronics 6123978-1 Datasheet HTML 3Page - Tyco Electronics 6123978-1 Datasheet HTML 4Page - Tyco Electronics 6123978-1 Datasheet HTML 5Page - Tyco Electronics 6123978-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
te.com/powerconnectors
2-Piece Power Connectors
TE Connectivity
Application: Backplanes
PRODUCTS
Amps/Linear Inch
Universal Power Module
MULTIGIG RT
ICCON
MINIPAK HDE
Stacked ICCON
< 125
l
125 – 175
l
l
175 – 225
l
> 225
l
Universal Power Module (UPM)
Connectors (Slim UPM shown)
Varieties of UPM include: standard,
high current, slim, low profile
2 performance levels
Standard 10 amp contact
High current 16 Amp contacts
True hot-plug contacts
High reliability — up to 250 cycles
Different configurations include right
angle, vertical, coplanar and mezzanine
Reference Part Numbers*
1903977-1 (Slim UPM), 1645498-2
(Vertical Plug), 5646954-2 (R/A Plug)
MULTIGIG RT Connectors
2 mm backplane connectors
20 Amp contacts
Three contact mating lengths are
available in 1.5 mm sequence levels
1 and 2 row versions to provide maximum
trace routing flexibility
True hot-plug contacts
Reference Part Numbers*
1-1410271-1 (Plug)
1410270-2 (Receptacle)
ICCON Connectors
With and without locking feature
35A current rating
Slimline version available, 30% smaller
footprint
Board-to-board, board–to-busbar, and
wire-to-board application options
Durable, quick connect/disconnect
function for high current space
constrained applications
Reference Part Numbers*
6643274-1 (Vertical Pin),
6643228-1 (R/A Pin),
6643220-1 (SLIMLINE Socket)
MINIPAK HDE Connectors
Designed to compliment other backplane
connectors offered by TE including
Z-PACK HM-Zd, Z-PACK TinMan and
other connectors
Very high current density — 18 Amps
per contact, over 250 Amps/linear inch
Two levels of contact sequencing for
mate-first-break-last operation
Reference Part Numbers*
1926226-1 (2x6), 1926229-1 (2x9)
Stacked ICCON Connector
Very High Current Density — Up to
200 Amps per inch
Occupies less PCB edge space than
separate ICCON power and guide
modules
Designed to compliment Z-PACK and
other backplane connectors
Right angle connector to mate
motherboard-to-daughterboard
power distribution systems
Ground pin, power pin and
mate-first-break-last pin options
Reference Part Numbers*
2085181-1 (R/A Socket)
1766663-1 (Vertical Pin)
te.com/products/minipakhde
*Part numbers listed are examples of some available samples, please visit website for additional and mating part numbers.
te.com/products/iccon
te.com/products/upm
te.com/products/iccon


Similar Part No. - 6123978-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6123978-1 MACOM-6123978-1 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
6123978-1 MACOM-6123978-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
6123978-1 MACOM-6123978-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
6123978-1 MACOM-6123978-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
6123978-1 MACOM-6123978-1 Datasheet
913Kb / 9P
   Power Connectors & Interconnection Systems
More results

Similar Description - 6123978-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
DDK Ltd.
FRC3-A016-10S DDK-FRC3-A016-10S Datasheet
346Kb / 4P
   High Current Version for 2-Piece Connectors
logo
Hirose Electric
DF64 HIROSE-DF64 Datasheet
871Kb / 6P
   4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
AVX Corporation
709159001401006 AVX-709159001401006 Datasheet
683Kb / 7P
   Single 2 Piece Contacts: BTB
logo
Kendall Howard
1927-3-002-00-WP KENDALLHOWARD-1927-3-002-00-WP Datasheet
55Kb / 1P
   2 PIECE RACK CONVERSION KIT
logo
UMPCO, Inc.
NAS1677 UMPCO-NAS1677 Datasheet
108Kb / 2P
   STRAP, RETAINING- CUSHIONED, RECTANGULAR, 2 PIECE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com