Electronic Components Datasheet Search |
|
3-1105300-1 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers |
|
3-1105300-1 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers |
22 / 236 page Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten. All specifications subject to change. Consult TE Connectivity for latest design specifications. 20 HTS Industrie Steckverbinder HTS Heavy Duty Connectors second code digit Protection degrees against the intrusion of water, designated by the second code digit short description definition not protected protected against dripping water protected against dripping water when the housing is at an angle of up to 15° protected against water spray protected against splash water protected against splash water with increased pressure protected against jets of water protected against strong jets of water protected against strong jets of water with increased pressure protection against the effects of temporary submersi- on in water protection against the effects of continuous submersi- on in water Protected against water during high-pressure / jet- stream cleaning. Vertically falling drops shall have not harmful effects. Vertically falling drops shall have not harmful effects when the enclosure is tiled upto 15° Water sprayed at an angle up to 60°, shall have no harm- ful effects Water splashed against the enclosure from any direction shall have no harmful effects Water splashed against the enclosure with increased pressure from any direction shall have no harmful effects (Applies acc to DIN 40050 - 9 only for road vehicles) water splashes against the enclosure from any direction as a water jet shall have no harmful effects water splashes against the enclosure from any direction as a strong water jet shall have no harmful effects water splashes directly against the enclosure from any direction as a strong water jet with increased pressure, shall have no harmful effects (Applies acc to DIN 40050 - 9 only for road vehicles) Quantity of water that ingresses an enclosure, when it is temporarily immersed under standardized conditions of pressure and time, shall have no harmful effects. Quantity of water that ingresses an enclosure, when it is continuously immersed under conditions of pressure and time, shall have no harmful effects. The conditions must, however be harder than for code digit 7 and agreed bet- ween user and producer. Water that is directed against the housing with greatly increased pressure from any direction must not have any detrimental effect (Applies acc to DIN 40050 - 9 only for road vehicles) 0 1 2 3 4 4K 5 6 6K 7 8 9K Meaning of the 2nd characteristic numeral The second numeral describes the protection of the housing against the intrusion of water with harmful effects. |
Similar Part No. - 3-1105300-1 |
|
Similar Description - 3-1105300-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |