Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0-1102855-7 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # 0-1102855-7
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0-1102855-7 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button 0-1102855-7 Datasheet HTML 56Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 57Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 58Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 59Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 60Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 61Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 62Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 63Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
58
HG-Q.10 Motorgehäuse/Motor housings
Baugröße/Size Q
Kunststoff, glasfaserverstärkt
EMV: Schutz gegen elektromagnetische Beeinflussung
Plastic glass-fibre reinforced
EMV: Protection against electro-magnetic interference
400 V/20 A
IP 65
HG-Q.10.MC.1
EMV
HG-Q.10-EMV.MC.1
HG-Q.10.MC.2
EMV
HG-Q.10-EMV.MC.2
HG-Q.10.MC.3
EMV
HG-Q.10-EMV.MC.3
HG-Q.10.MC.4
EMV
HG-Q.10-EMV.MC.4
HG-Q.10.MC.5
EMV
HG-Q.10-EMV.MC.5
HG-Q.10.MC.6
EMV
HG-Q.10-EMV.MC.6
HG-Q.10.MC.7
EMV
HG-Q.10-EMV.MC.7
0-1103092-1
0-1103092-8
0-1103092-2
0-1103092-9
0-1103092-3
1-1103092-0
0-1103092-4
1-1103092-1
0-1103092-5
1-1103092-2
0-1103092-6
1-1103092-3
0-1103092-7
1-1103092-4
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
Passende Crimpkontakte Seite 36/Suitable Crimp contacts page 36
Metr.
Bezeichnung
Description
PN
AB
C
D
0–1, 0–8
70
58
54
66
0–2, 0–9
70
60
60
70
0–3, 1–0
74
56
56
74
0–4, 1–1
75
64
64
75
0–5, 1–2
120
105
105
120
0–6, 1–3
140
125
125
140
0–7, 1–4
165
130
150
165
Maße/Dimensions mm
1103092-
1


Similar Part No. - 0-1102855-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-1102600-2 TEC-0-1102600-2 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-1 TEC-0-1102602-1 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-3 TEC-0-1102602-3 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-1 TEC-0-1102700-1 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-4 TEC-0-1102700-4 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-1102855-7

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com