Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC34123 Datasheet(PDF) 5 Page - Cymbet Corporation

Part # CBC34123
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34123 Datasheet(HTML) 5 Page - Cymbet Corporation

  CBC34123 Datasheet HTML 1Page - Cymbet Corporation CBC34123 Datasheet HTML 2Page - Cymbet Corporation CBC34123 Datasheet HTML 3Page - Cymbet Corporation CBC34123 Datasheet HTML 4Page - Cymbet Corporation CBC34123 Datasheet HTML 5Page - Cymbet Corporation CBC34123 Datasheet HTML 6Page - Cymbet Corporation CBC34123 Datasheet HTML 7Page - Cymbet Corporation CBC34123 Datasheet HTML 8Page - Cymbet Corporation CBC34123 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CBC34123 EnerChip™ RTC
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-31 V.08
Page 5 of 9
Preliminary
Functional Description of Integrated PCF2123 Real-Time Clock
The PCF2123 contains 16 8-bit registers with an auto-incrementing address counter, an on-chip 32.768 kHz
oscillator with two integrated load capacitors, a frequency divider which provides the source clock for the Real
Time Clock (RTC), a programmable clock output, and a 6.25 Mbit/s SPI-bus. An offset register allows fine tuning
of the clock.
All 16 registers are designed as addressable 8-bit parallel registers although not all bits are implemented.
The first two registers (memory address 00h and 01h) are used as control registers.
The memory addresses 02h through 08h are used as counters for the clock function (seconds up to years). The
registers Seconds, Minutes, Hours, Days, Weekdays, Months, and Years are all coded in Binary Coded
Decimal (BCD) format. When one of the RTC registers is written or read the contents of all counters are
frozen. Therefore, faulty writing or reading of the clock and calendar during a carry condition is prevented.
Addresses 09h through 0Ch define the alarm condition.
Address 0Dh defines the offset calibration.
Address 0Eh defines the clock out and timer mode.
Address registers 0Eh and 0Fh are used for the countdown timer function. The countdown timer has four
selectable source clocks allowing for countdown periods in the range from 244 ms up to four hours. There
are also two pre-defined timers which can be used to generate an interrupt once per second or once per
minute. These are defined in register Control_2 (01h).
Low Power Operation
Minimum power operation will be achieved by reducing the number and frequency of switching signals inside the
IC, i.e., low frequency timer clocks and a low frequency CLKOUT will result in lower operating power. A second
prime consideration is the series resistance R
s of the quartz used.
Power Consumption with Respect to Quartz Series Resistance
The series resistance acts as a loss element. Low R
S will reduce current consumption further.
Important Reference Documents
For complete specifications of the integrated PCF2123 Real-Time Clock, see here:
http://www.nxp.com/documents/data_sheet/PCF2123.pdf .
For complete specifications of the Cymbet 5µAh EnerChip and integrated power management circuit, see here:
http://www.cymbet.com/pdfs/DS-72-21.pdf .
The EnerChip and power management functions within the CBC34123 are configured as in Mode 1 (VMODE =
GND) described in the CBC3105 data sheet.
For guidelines regarding crystal selection and other important information pertaining to the PCF2123, see the
UM10301 - User Manual for NXP Real Time Clocks, located here:
http://www.nxp.com/documents/user_manual/UM10301.pdf


Similar Part No. - CBC34123

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34123-M5C CYMBET-CBC34123-M5C Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
CBC34123-M5C-TR1 CYMBET-CBC34123-M5C-TR1 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123-M5C-TR5 CYMBET-CBC34123-M5C-TR5 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
More results

Similar Description - CBC34123

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-38 CYMBET-DS-72-38 Datasheet
1Mb / 18P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com