Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CBC005 Datasheet(PDF) 1 Page - Cymbet Corporation

Part No. CBC005
Description  Rechargeable Energy Storage Device: 5Ah, 3.8V
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYMBET [Cymbet Corporation]
Homepage  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC005 Datasheet(HTML) 1 Page - Cymbet Corporation

  CBC005 Datasheet HTML 1Page - Cymbet Corporation CBC005 Datasheet HTML 2Page - Cymbet Corporation CBC005 Datasheet HTML 3Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-30 Rev02
Page 1 of 3
Rechargeable Energy Storage Device: 5µAh, 3.8V
EnerChip™ CBC005
Features
• All Solid State Construction
• Designed for Wirebond Attachment
• Lead-Free Reflow Tolerant
• Thousands of Recharge Cycles
• Low Self-Discharge
• Fast Recharge
• Eco-Friendly, RoHS-Compliant
• Smallest Commercially Available Rechargeable
Energy Storage Device
• Flat Output Voltage Profile
• Wire Bond or Solder Bump attachment
Electrical Properties
Output voltage (nominal): 3.8V
Capacity (nominal):
5µAh
Charging source:
4.1V
Recharge time to 80%: 15 minutes
Charge/discharge cycles: >5000 at 10% discharge
Physical Properties
Die size (mm):
1.7 x 2.25 x 0.175
Operating temperature: -20°C to 70°C
Storage temperature:
-40°C to 125°C
The EnerChip™ CBC005 is a solid state, thin film,
rechargeable energy storage device rated at 5µAh at
3.8V. It is ideal as a localized on-board power source
to retain memory or maintain real-time clock function
in mobile systems when main power is interrupted.
The CBC005 is the smallest rechargeable energy
storage device available to Original Equipment
Manufacturers (OEMs) and is a superior alternative to
button and coin cell batteries and super-capacitors in
handheld devices.
Board mounting area of the CBC005 is less than
1/2 the area of a 1210 (3225 metric) surface
mount device and less than 1/4 the thickness.
Such dimensions make the CBC005 ideal for space-
constrained applications.
Because of their solid state design, EnerChip™
energy storage devices are able to withstand solder
reflow temperatures and can be processed in high-
volume manufacturing lines similar to conventional
semiconductor devices. In contrast to traditional
rechargeable batteries and super-capacitors, there
are no harmful gases, liquids or special handling
procedures associated with the EnerChip™.
The CBC005 is based on a patented, all solid state,
rechargeable lithium cell with a nominal 3.8V output.
Recharge is fast and simple with a direct connection
to a 4.1V voltage source and no current limiting
components required. Recharge time is 15 minutes
to 80% capacity. A robust design offers thousands of
charge/discharge cycles. The CBC005 is delivered
as a 1.7mm x 2.25mm x 0.175mm bare die with
two wirebondable pads for co-packaging with other
components or chip-on-board mounting. Die are
shipped in tape-and-reel, waffle packs, and trays.
Applications
• Standby supply
for non-volatile SRAM, real-time
clocks, controllers, supply supervisors, and other
system-critical components.
• Portable devices
requiring ultra-slim profile and
small footprint backup power source.
• Localized power source
to keep microcontrollers
and other devices alert in standby mode.
• Power bridging
to provide backup power to
system during exchange of main battery.
Bare die CBC005 suitable for wirebonding.
Dimensions: 1.7mm x 2.25mm x 0.175mm.
[Not to scale.]
Preliminary


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn