Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

929962-1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 929962-1
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

929962-1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 929962-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 929962-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 929962-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 929962-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers 929962-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers 929962-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers 929962-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers 929962-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers 929962-1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
9
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
HE 6
500V/16A
6
3
Crimp
DIN VDE
0627
EN 61984
HE 8
400V/16A
20
3
Crimp
DIN VDE
0627
EN 61984
HE 20
500V/16A
18
3
Crimp
DIN VDE
0627
EN 61984
HN.D 12
250V/10A
12
3
Crimp
DIN VDE
0627
EN 61984
HN.D 17
250V/10A
17
3
Crimp
DIN VDE
0627
EN 61984
S20.DF25
50V/5A
25
3
Crimp
DIN VDE
0627
EN 61984
TX
HN.D
50V/10A
2x4
3
Crimp
DIN VDE
0627
EN 61984
TX
S20DF
50V/5A
2x8
3
Crimp
DIN VDE
0627
EN 61984
TX.MVB
HN.D
50V/10A
4
3
Crimp
DIN VDE
0627
EN 61984
TX.MVB
S20DF
50V/5A
8
3
Crimp
DIN VDE
0627
EN 61984
Pneumatik
10 Bar
2
Blindmodul
206
206
207
207
208
209
209
209
210
210
210
211


Similar Part No. - 929962-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
929967 TEC-929967 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
More results

Similar Description - 929962-1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com