Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC3112-D7C-TR1 Datasheet(PDF) 10 Page - Cymbet Corporation

Part # CBC3112-D7C-TR1
Description  EnerChip CC with Integrated Power Management
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3112-D7C-TR1 Datasheet(HTML) 10 Page - Cymbet Corporation

Back Button CBC3112-D7C-TR1 Datasheet HTML 6Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 7Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 8Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 9Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 10Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 11Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 12Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 13Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 14Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EnerChip CC CBC3112
©2009-2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-04 Rev F
Page 10 of 16
EnerChip CC Detailed Description
The EnerChip CC uses a charge pump to generate the supply voltage for charging the integrated energy storage
device. An internal FET switch with low RDSON is used to route VDD to VOUT during normal operation when main
power is above the switchover threshold voltage. When VDD is below the switchover threshold voltage, the
FET switch is shut off and VOUT is supplied by the EnerChip. An interrupt signal is asserted low prior to the
switchover.
Operating Modes
The EnerChip CC can be operated from various power supplies such as a primary source or a non-rechargeable
battery. With the ENABLE pin asserted high, the charge pump is active and charges the integrated EnerChip.
The EnerChip CC will be 80% charged within 10 minutes. Due to the rapid recharge it is recommended that,
once the EnerChip CC is fully charged, the user de-assert the ENABLE pin (i.e., force low) to reduce power
consumption. A signal generated from the MCU could be used to enable and disable the EnerChip CC.
When controlling the ENABLE pin by way of an external controller - as opposed to fixing the ENABLE line to VDD
- ensure that the ENABLE pin is forced low by the controller anytime the RESET line is low, which occurs when
the switchover threshold voltage is reached and the device is placed in backup mode. Although the internal
charge pump is designed to operate below the threshold switchover level when the ENABLE line is active, it
is recommended that the ENABLE pin be forced low whenever RESET is low to ensure no parasitic loads are
placed on the EnerChip while in this mode. If ENABLE is high or floating while VDD is in an indeterminate
state, bias currents within the EnerChip CC could flow, placing a parasitic load on the EnerChip that could
dramatically reduce the effective backup operating time.
The EnerChip CC supports 2 operational modes as shown in Figures 6 and 7.


Similar Part No. - CBC3112-D7C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3112-D7C-TR1 CYMBET-CBC3112-D7C-TR1 Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3112-D7C-TR1 CYMBET-CBC3112-D7C-TR1 Datasheet
229Kb / 3P
   Capacitance to EnerChip Battery Charge Conversion Guide
CBC3112-D7C-TR1 CYMBET-CBC3112-D7C-TR1 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
More results

Similar Description - CBC3112-D7C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com