Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC050-BDC-WP Datasheet(PDF) 1 Page - Cymbet Corporation

Part # CBC050-BDC-WP
Description  Rechargeable Solid State Energy Storage: 50關Ah, 3.8V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC050-BDC-WP Datasheet(HTML) 1 Page - Cymbet Corporation

  CBC050-BDC-WP Datasheet HTML 1Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 2Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 3Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 4Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2009-2010 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-01 Rev B
Page 1 of 4
Rechargeable Solid State Energy Storage: 50µAh, 3.8V
EnerChipCBC050
Features
All Solid State Construction
SMT Package and Process
Lead-Free Reflow Tolerant
Thousands of Recharge Cycles
Low Self-Discharge
Eco-Friendly, RoHS Compliant
Electrical Properties
Output voltage:
3.8V
Capacity (typical):
50µAh
Charging source:
4.00V to 4.15V
Recharge time to 80%:
20 minutes
Charge/Discharge cycles: >5000 to 10% DOD
Physical Properties
Package size:
8 mm x 8 mm
Operating temperature:
-20°C to 70°C
Storage temperature:
-40°C to 125°C
The EnerChip™ CBC050 is a surface-mount, solid
state, rechargeable energy storage device rated
for 50µAh at 3.8V. It is ideal as a localized, on-
board power source for SRAMs, real-time clocks
and microcontrollers which require standby power
to retain time or data. It is also suitable for RFID
tags, smart sensors, and remote applications
which require a miniature, low-cost, and rugged
power source. For many applications, the CBC050
is a superior alternative to coin cell batteries and
supercapacitors.
Because of their solid state design, EnerChip™
storage devices are able to withstand solder reflow
temperatures and can be processed in high-
volume manufacturing lines similar to conventional
semiconductor devices. There are no harmful gases,
liquids or special handling procedures, in contrast to
traditional rechargeable batteries.
The EnerChip recharge is fast and simple, with a
direct connection to a 4.1V voltage source and
no current limiting components. Recharge time is
20 minutes to 80% capacity. Robust design offers
thousands of charge/discharge cycles. The CBC050
is packaged in an 8 mm x 8 mm quad flat package. It
is available in reels for use with automatic insertion
equipment.
Applications
Standby supply
for non-volatile SRAM, real-time
clocks, controllers, supply supervisors, and other
system-critical components.
Wireless sensors and RFID tags
and other
powered, low duty cycle applications.
Localized power source
to keep microcontrollers
and other devices alert in standby mode.
Power bridging
to provide backup power to
system during exchange of main batteries.
Energy Harvesting
by coupling the EnerChip
with energy transducers such as solar panels.
Embedded Energy
where bare die can be
embedded into modules or co-packaged with
other ICs.
Pin Number(s)
Description
1
V+
4
V-
2,3
NIC
5-16
NIC
Note: NIC = No Internal Connection
8 mm x 8 mm
QFN SMT Package
CBC050 Schematic - Top View
5.7 mm x 6.1 mm
Bare Die


Similar Part No. - CBC050-BDC-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC050-BDC-WP CYMBET-CBC050-BDC-WP Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
CBC050-BDC-WP CYMBET-CBC050-BDC-WP Datasheet
1Mb / 13P
   Rechargeable Solid State Bare Die Batteries
More results

Similar Description - CBC050-BDC-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC012 CYMBET-CBC012 Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-02 CYMBET-DS-72-02 Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC005 CYMBET-CBC005 Datasheet
369Kb / 3P
   Rechargeable Energy Storage Device: 5Ah, 3.8V
DS-72-41 CYMBET-DS-72-41 Datasheet
1Mb / 13P
   Rechargeable Solid State Bare Die Batteries
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com