Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1105051-2 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # 2-1105051-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2-1105051-2 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button 2-1105051-2 Datasheet HTML 77Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 78Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 79Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 80Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 81Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 82Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 83Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 84Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
79
HIP.6/16, HIP-K.6/16, EMV-K.6/16 Gehäuse/Housings
Baugröße/Size 3
HIP: Druckdicht, silbergrau, HIP-K: Korrosionsgeschützt, schwarz
EMV-K: Schutz gegen elektromagnetische Beeinflussung, druckdicht, korrosionsgeschützt, schwarz
HIP: Pressure-tight, silver-grey, HIP-K: Housings corrosion-resistant, black
EMV-K: Protection against electro-magnetic interference, pressure-tight, housings corrosion-resistant, black
Schraubverriegelung am Oberteil/Screw lock on hood
IP 68
HIP
HIP.6/16.STS.1.16.G
HIP.6/16.STS.1.M25.G
HIP-K
HIP-K.6/16.STS.1.16.G
HIP-K.6/16.STS.1.21.G
HIP-K.6/16.STS.1.M25.G
EMV-K
EMV-K.6/16.STS.1.16.G
EMV-K.6/16.STS.1.M25.G
HIP
HIP.6/16.STO.1.16.G
HIP.6/16.STO.1.M32.G
HIP-K
HIP-K.6/16.STO.1.16.G
HIP-K.6/16.STO.1.21.G
HIP-K.6/16.STO.1.M25.G
HIP-K.6/16.STO.1.M32.G
EMV-K
EMV-K.6/16.STO.1.13.G
EMV-K.6/16.STO.1.16.G
EMV-K.6/16.STO.1.21.G
EMV-K.6/16.STO.1.M32.G
HIP
HIP.6/16.AG
HIP-K
HIP-K.6/16.AG
EMV-K
EMV-K.6/16.AG
HIP
HIP.6/16.AG.M6
HIP-K
HIP-K.6/16.AG.M6
EMV-K
EMV-K.6/16.AG.M6
1-1102631-5
0-1106425-2
2-1102631-5
2-1102633-5
0-1106425-4
4-1102704-5
0-1106416-4
1-1102635-5
0-1106425-1
2-1102635-5
2-1102637-5
0-1106425-6
0-1106425-3
0-1108719-1
4-1102706-5
4-1102707-5
0-1106416-3
1-1102638-5
2-1102638-5
4-1102710-5
1-1102606-5
2-1102606-5
4-1102712-5
Bestelltext
Designation
Bestell-Nr.
Order No.
Steckergehäuse: Kabeleingang oben
Hood: Top entry
96
82
53
M/PG
96
82
53
1-1102635-5
M/PG
PG
16
16
21
16
16
16
21
13
16
21
Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
M4
1-1102638-5
70
96
52
70
32
36
ø4.5
56
32
Steckergehäuse: Kabeleingang seitlich
Hood: Side entry
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
M25
M25
M32
M25
M32
M32
Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
60
43
96
79
79
52
M6
36
43
M6x20
8
22
Bezeichnung
Description
Montageausschnitt/Panel cut-out
Montageausschnitt/Panel cut-out


Similar Part No. - 2-1105051-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105051-2 MACOM-2-1105051-2 Datasheet
111Kb / 1P
   SOCKET CONTACT SERIES HN.D
More results

Similar Description - 2-1105051-2

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com