Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R8853801VPA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 5962R8853801VPA
Description  MICROCIRCUIT, LINEAR, DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS MONOLITHIC SILICON
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962R8853801VPA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 5962R8853801VPA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962R8853801VPA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R8853801VPA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R8853801VPA Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962R8853801VPA Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962R8853801VPA Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962R8853801VPA Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962R8853801VPA Datasheet HTML 13Page - List of Unclassifed Manufacturers 5962R8853801VPA Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-88538
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
G
SHEET
11
DSCC FORM 2234
APR 97
4.3 Qualification inspection for device classes Q and V. Qualification inspection for device classes Q and V shall be in
accordance with MIL-PRF-38535. Inspections to be performed shall be those specified in MIL-PRF-38535 and herein for groups
A, B, C, D, and E inspections (see 4.4.1 through 4.4.4).
4.4 Conformance inspection. Technology conformance inspection for classes Q and V shall be in accordance with
MIL-PRF-38535 including groups A, B, C, D, and E inspections and as specified. Quality conformance inspection for device
class M shall be in accordance with MIL-PRF-38535, appendix A and as specified herein. Inspections to be performed for
device class M shall be those specified in method 5005 of MIL-STD-883 and herein for groups A, B, C, D, and E inspections
(see 4.4.1 through 4.4.4).
4.4.1 Group A inspection.
a.
Tests shall be as specified in table IIA herein.
b.
Subgroups 7, 8, 10, and 11 in table I, method 5005 of MIL-STD-883 shall be omitted.
4.4.2 Group C inspection. The group C inspection end-point electrical parameters shall be as specified in table IIA herein.
4.4.2.1 Additional criteria for device class M. Steady-state life test conditions, method 1005 of MIL-STD-883:
a.
Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision level
control and shall be made available to the preparing or acquiring activity upon request. The test circuit shall specify the
inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method 1005 of
MIL-STD-883.
b.
TA = +125C, minimum.
c.
Test duration: 1,000 hours, except as permitted by method 1005 of MIL-STD-883.
4.4.2.2 Additional criteria for device classes Q and V. The steady-state life test duration, test condition and test temperature,
or approved alternatives shall be as specified in the device manufacturer's QM plan in accordance with MIL-PRF-38535. The
test circuit shall be maintained under document revision level control by the device manufacturer's TRB in accordance with
MIL-PRF-38535 and shall be made available to the acquiring or preparing activity upon request. The test circuit shall specify the
inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method 1005 of
MIL-STD-883.
4.4.3 Group D inspection. The group D inspection end-point electrical parameters shall be as specified in table IIA herein.
4.4.4 Group E inspection. Group E inspection is required only for parts intended to be marked as radiation hardness assured
(see 3.5 herein).
a.
End-point electrical parameters shall be as specified in table IIA herein.
b.
For device classes Q and V, the devices or test vehicle shall be subjected to radiation hardness assured tests as
specified in MIL-PRF-38535 for the RHA level being tested. For device class M, the devices shall be subjected to
radiation hardness assured tests as specified in MIL-PRF-38535, appendix A for the RHA level being tested. All device
classes must meet the postirradiation end-point electrical parameter limits as defined in table I at
TA = +25C 5C, after exposure, to the subgroups specified in table IIA herein.
4.4.4.1 Total dose irradiation testing. Total dose irradiation testing shall be performed in accordance with MIL-STD-883
method 1019, condition A and as specified herein.


Similar Part No. - 5962R8853801VPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
More results

Similar Description - 5962R8853801VPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Analog Devices
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
PM156A AD-PM156A_15 Datasheet
302Kb / 6P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
   Precision JFET-Input Operational Amplifiers
REV. A
PM155A AD-PM155A_15 Datasheet
302Kb / 6P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LF355B NSC-LF355B Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com